Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UFE Datasheet(PDF) 2 Page - Emerson Network Power

Part # UFE
Description  UFE / UFR Series Up to 6000 Watts
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

UFE Datasheet(HTML) 2 Page - Emerson Network Power

  UFE Datasheet HTML 1Page - Emerson Network Power UFE Datasheet HTML 2Page - Emerson Network Power UFE Datasheet HTML 3Page - Emerson Network Power UFE Datasheet HTML 4Page - Emerson Network Power UFE Datasheet HTML 5Page - Emerson Network Power UFE Datasheet HTML 6Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Rev.06.14.11_47
UFE / UFR Series
2 of 6
Embedded Power for
Business-Critical Continuity
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
Notes
1 FinalEMIperformanceissystem/shelf
dependent.
2 Autorangingsetspowerlimitbasedoninput
voltageatturnon.
3 Thedifferenceinoutputcurrentamongany
tworectifiersoperatinginparalleldoesnot
exceedavalueequalto15%oftherated
currentlimit.Thisspecificationappliesfor
operationwithanyoutputcurrentfromno
loadto110%ofmaximum.
4 Maximum15minutewarmuptimeatlight
loadsbelow-15°C.SeeApplicationNote212
forcoldstarttimingdata.
5 Foroperationabove1,524m(5,000ft),
maximumoperationtemperatureisderated
by2
°Cper305m(1,000ft).
6 Outputvoltagecanbemodifiedonthefly
between
21-28.5 V(24 Vmodel)or42-57 V(48 V
model)PMBuscommand.
7 PMBUscommunication.Pinnamesin
parenthesisrefertothePMBusversionnames.
UFE2000-96S48PJandUFE130096S24PJuse
PMBus.
Input
Inputvoltagerange:
(Seenote2)
88-264Vac
176-264Vac
Inputfrequencyrange:
47-63Hz
Inputcurrent:
15Amax.
Groundleakagecurrent:
ACtosafetyground
2mAmax.
Inputfuse(internal)
Bothlinesfused
30A
Power factor:
50to100%load
0.98
Undervoltagelockout:
(powerup)
Highlinerange
Widelinerange
176Vacmax.
88Vac.max
Undervoltagelockout:
(powerdown)
Highlinerange
162Vacmin.
LEDwarning@176Vmax.
Widelinerange
76Vacmin.
LEDwarning@88Vmax.
GeneralSpecifications
Electrical insulation:
Input/output
Input/chassis
3000Vac/4242Vdc
1500Vac/2121Vdc
Switchingfrequency:
Fixed
450kHz
Approvalsandstandards:
VDEEN/IEC60950-1
UL/CUL60950-1
Weight:
5.5lbs
Hold-uptime:
48Voutatratedoutputpower
24Voutatratedoutputpower
20msmin.
20msmin.
MTBF(@25ºC):
TelcordiaSR-332Issue1
279,069hours
Acousticalnoise:
Overallconditions
25ºC ambient at rated output power
71dBmax.
58dBtyp.
EMC
Conducted emissions:
EN55022,FCCpart15
ClassB(wheninstalledinsystem)
Immunity:
Harmoniccurrent:
EN61000-3-2
Compliant
ESDair/contact:
EN61000-4-2
Level3
Surge:
EN61000-4-5
Fast transients:
EN61000-4-4
Level3
Flicker:
EN61000-3-3
Compliant
Magneticfield:
EN61000-4-8
Compliant
Radiatedimmunity:
EN61000-4-3
Level3
Conducted immunity:
EN61000-4-6
Level3
OrderingInformation
Rated Output
Power
Output Voltage
Vout
Output
Current (Min)
Power Limit
+15% / -0% Vout
(min)
Line Range at Turn
On (Auto Ranging)
Operating
Line Range
Current Limit
(Vout) < Vout (min)
Model Numbers (7) Order Number
Min
Max
24VoutModels
1300W
21v
28.5V
0A
1300W
90-264Vac
65A
65A
UFE1300-96S24C1J
UFE1300-5
48VoutModels
1300W
42V
57V
0A
1300W
90-264Vac
33A
33A
UFE2000-96S48PJ
UFE2000-9
2000W
42V
57V
0A
2000W
180-264Vac
52A
52A
1300W
42V
57V
0A
1300W
90-264Vac
33A
33A
UFE2000-96S48PDJ
UFE2000-9-D
2000W
42V
57V
0A
2000W
180-264Vac
52A
52A
1300W
42V
57V
0A
1300W
90-264Vac
33A
33A
UFE2000-96S48PHDJ UFE2000-9-HD
2000W
42V
57V
0A
2000W
180-264Vac
52A
52A
RackOrderingInformation
Rack Model Number
Hot Plug Interface
Number of Power Modules per Pack
UFR6000-00J
Yes
3
UFR6000-01J
Yes
2+1(SplitRack)
UFR6000PJ
BlankPanel
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com