Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2111CP Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCF2111CP
Description  LCD drivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2111CP Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCF2111CP Datasheet HTML 5Page - NXP Semiconductors PCF2111CP Datasheet HTML 6Page - NXP Semiconductors PCF2111CP Datasheet HTML 7Page - NXP Semiconductors PCF2111CP Datasheet HTML 8Page - NXP Semiconductors PCF2111CP Datasheet HTML 9Page - NXP Semiconductors PCF2111CP Datasheet HTML 10Page - NXP Semiconductors PCF2111CP Datasheet HTML 11Page - NXP Semiconductors PCF2111CP Datasheet HTML 12Page - NXP Semiconductors PCF2111CP Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
1997 Mar 28
9
Philips Semiconductors
Product specification
LCD drivers
PCF21xxC family
7
FUNCTIONAL DESCRIPTION
An LCD segment or LED output is activated when the
corresponding DATA bit is HIGH.
7.1
PCF2100C
When DATA bit 21 is HIGH, the A-latches (BP1) are
loaded. With DATA bit 21 LOW, the B-latches (BP2) are
loaded. CLB pulse 23 transfers data from the shift register
to the selected latches.
7.2
PCF2111C
When DATA bit 33 is HIGH, the A-latches (BP1) are
loaded. With DATA bit 33 LOW, the B-latches (BP2) are
loaded. CLB pulse 35 transfers data from the shift register
to the selected latches.
7.3
PCF2112C
When DATA bit 33 is HIGH, the latches are loaded.
CLB pulse 35 transfers data from the shift register to the
selected latches.
7.4
Bus control logic
The following tests are carried out by the bus control logic:
1. Test on leading zero
2. Test on number of DATA bits
3. Test of disturbed DLEN and DATA signals during
transmission.
If one of the test conditions is not fulfilled, no action follows
the load condition (load pulse with DLEN LOW) and the
driver is ready to receive new data.
Fig.7 CBUS data format.
handbook, full pagewidth
DLEN
CLB
DATA
1
01
S1
1
S1
2
S2
2
S2
3
S3
3
S3
4
S4
4
S4
5
S5
5
S5
6
S6
6
S6
7
S7
7
S7
31
S31
19
S19
2
3
4
5
678
32
20
33
21
34
22
35
23
PCF2111C and PCF2112C
PCF2100C
PCF2111C and PCF2112C
load bit
load pulse
leading zero
test leading zero
32
S32
20
S20
33
21
PCF2100C
bit number
output
MLD296



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com