Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2111CP Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCF2111CP
Description  LCD drivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2111CP Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCF2111CP Datasheet HTML 10Page - NXP Semiconductors PCF2111CP Datasheet HTML 11Page - NXP Semiconductors PCF2111CP Datasheet HTML 12Page - NXP Semiconductors PCF2111CP Datasheet HTML 13Page - NXP Semiconductors PCF2111CP Datasheet HTML 14Page - NXP Semiconductors PCF2111CP Datasheet HTML 15Page - NXP Semiconductors PCF2111CP Datasheet HTML 16Page - NXP Semiconductors PCF2111CP Datasheet HTML 17Page - NXP Semiconductors PCF2111CP Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
1997 Mar 28
14
Philips Semiconductors
Product specification
LCD drivers
PCF21xxC family
11 AC CHARACTERISTICS
VDD = 2.25 to 6.0 V; VSS =0V; Tamb = −40 to +80 °C; RO =1MΩ; CO = 680 pF; all timing values are referenced to VIH
and VIL levels with an input voltage swing of VSS to VDD; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Inputs CLB, DATA and DLEN (see Fig.12)
tSUDA
data set-up time
3
−−µs
tHDDA
data hold time
3
−−µs
tSUEN
enable set-up time
1
−−µs
tSUDI
disable set-up time
2
−−µs
tSULD
load pulse set-up time
2.5
−−µs
tBUSY
busy time
3
−−µs
tWH
CLB HIGH time
1
−−µs
tWL
CLB LOW time
5
−−µs
tCLB
CLB cycle time
10
−−µs
tr
rise time
−−
10
µs
tf
fall time
−−
10
µs
LCD timing (see Figs. 12, 14, 15, 16 and 17)
fLCD
LCD frame frequency
PCF2100C, PCF2111C
60
75
100
Hz
PCF2112C
CO = 1.5 nF
30
35
50
Hz
tBS
transfer time with test loads
VDD =5V
−
20
100
µs
tPLCD
driver delay time with test loads
VDD =5V
−
20
100
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com