Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1947VC Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LB1947VC
Description  Monolithic Digital IC PWM Current Control Type Forward/Reverse Motor Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1947VC Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LB1947VC Datasheet HTML 1Page - Sanyo Semicon Device LB1947VC Datasheet HTML 2Page - Sanyo Semicon Device LB1947VC Datasheet HTML 3Page - Sanyo Semicon Device LB1947VC Datasheet HTML 4Page - Sanyo Semicon Device LB1947VC Datasheet HTML 5Page - Sanyo Semicon Device LB1947VC Datasheet HTML 6Page - Sanyo Semicon Device LB1947VC Datasheet HTML 7Page - Sanyo Semicon Device LB1947VC Datasheet HTML 8Page - Sanyo Semicon Device LB1947VC Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
's products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment. The products mentioned herein
shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life,
aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal system,
safety equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives
in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any
guarantee thereof. If you should intend to use our products for new introduction or other application different
from current conditions on the usage of automotive device, communication device, office equipment, industrial
equipment etc. , please consult with us about usage condition (temperature, operation time etc.) prior to the
intended use. If there is no consultation or inquiry before the intended use, our customer shall be solely
responsible for the use.
32112 SY 20120312-S00003 No.A2035-1/11
LB1947VC
Overview
The LB1947VC is a PWM current control type forward/reverse motor driver IC. The IC is optimal for use in driving
brushed DC motors for printers.
Features
• PWM current control (fixed OFF time)
• Selectable current decay pattern (FAST, SLOW, and MIX DECAY modes)
• Simultaneous ON prevention function (feed-through current prevention)
• Built-in thermal shutdown circuit
• Built-in noise canceler
Specifications
Absolute Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum motor supply voltage
VBB max
50
V
Output peak current
IO peak
tw ≤ 20μs
2.25
A
Output continuous current
IO max
2.0
A
Logic supply voltage
VCC max
7.0
V
Logic input voltage range
VIN
-0.3 to VCC
V
Emitter output voltage
VE max
1.1
V
Reference voltage
VREF
-0.3 to VCC
V
Allowable power dissipation
Pd max
Independent IC
1.3
W
Operating temperature
Topr
-20 to +85
°C
Storage temperature
Tstg
-55 to +150
°C
Caution 1) Absolute maximum ratings represent the value which cannot be exceeded for any length of time.
Caution 2) Even when the device is used within the range of absolute maximum ratings, as a result of continuous usage under high temperature, high current, high
voltage, or drastic temperature change, the reliability of the IC may be degraded. Please contact us for the further details.
Monolithic Digital IC
PWM Current Control Type
Forward/Reverse Motor Driver
Ordering number : ENA2035


Similar Part No. - LB1947VC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LB1947VC ONSEMI-LB1947VC Datasheet
112Kb / 11P
Forward/Reverse Motor Driver
May, 2013
More results

Similar Description - LB1947VC

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11650 SANYO-LB11650 Datasheet
56Kb / 6P
PWM Input Forward/Reverse Motor Driver
LB11651H SANYO-LB11651H Datasheet
56Kb / 6P
PWM Input Forward/Reverse Motor Driver
LB1941GP SANYO-LB1941GP Datasheet
109Kb / 4P
Monolithic Linear IC For Digital Cameras Constant Current Forward/Reverse Driver
LB1943N SANYO-LB1943N Datasheet
100Kb / 6P
Monolithic Digital IC VCR Loading Motor Variable Output Forward/Reverse Motor Driver
LB11650H SANYO-LB11650H Datasheet
52Kb / 6P
PWM Input Forward/Reverse Motor Driver
LB1938FA SANYO-LB1938FA Datasheet
115Kb / 5P
Monolithic Digital IC 1ch, Low-saturation Forward/Reverse Motor Driver
LB1847 SANYO-LB1847_12 Datasheet
144Kb / 15P
Monolithic Digital IC PWM Current Control Type Stepping Motor Driver
LB11651 SANYO-LB11651 Datasheet
54Kb / 6P
PWM Input Forward/Reverse Motor Driver
logo
ON Semiconductor
LB11650 ONSEMI-LB11650 Datasheet
115Kb / 6P
PWM Input Forward/Reverse Motor Driver
July, 2013
LB11651 ONSEMI-LB11651 Datasheet
115Kb / 6P
PWM Input Forward/Reverse Motor Driver
July, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com