Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1947VC Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LB1947VC
Description  Monolithic Digital IC PWM Current Control Type Forward/Reverse Motor Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1947VC Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LB1947VC Datasheet HTML 1Page - Sanyo Semicon Device LB1947VC Datasheet HTML 2Page - Sanyo Semicon Device LB1947VC Datasheet HTML 3Page - Sanyo Semicon Device LB1947VC Datasheet HTML 4Page - Sanyo Semicon Device LB1947VC Datasheet HTML 5Page - Sanyo Semicon Device LB1947VC Datasheet HTML 6Page - Sanyo Semicon Device LB1947VC Datasheet HTML 7Page - Sanyo Semicon Device LB1947VC Datasheet HTML 8Page - Sanyo Semicon Device LB1947VC Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
LB1947VC
No.A2035-5/11
Pin Function
Pin No.
Pin name
Function
Equivalent circuit
1
3
OUTA
OUTA
Output pin.
2
E
Sense voltage control pin.
4
VI
High: sense voltage is 2/5 of VREF
Low: sense voltage is 1/5 of VREF
4
50k
Ω
40k
Ω
VCC
100
μA
VI
6
ST
High: circuit operation ON
Low: standby mode
9
IN1
High: rotation mode
Low: brake mode
10
IN2
High: reverse mode
Low: forward mode
7
VBB
Motor power supply voltage.
8
VCC
Logic power supply voltage.
12
VREF
Output current setting reference pin.
Setting range: 0 to (VCC−2V)
12
VCC
VREF
3s
1s
13
CR
Oscillator with self-excitation.
14
MD
Current attenuation switching pin.
Low : FAST DECAY
High: SLOW DECAY
M : MIX DECAY
M is set by external power supply voltage.
Range : 1.1 to 4.0V
15
GND
Ground pin
5, 11
NC
No connect



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com