Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC72121MA Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC72121MA
Description  CMOS IC PLL Frequency Synthesizers for Electronic Tuning
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72121MA Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC72121MA Datasheet HTML 1Page - Sanyo Semicon Device LC72121MA Datasheet HTML 2Page - Sanyo Semicon Device LC72121MA Datasheet HTML 3Page - Sanyo Semicon Device LC72121MA Datasheet HTML 4Page - Sanyo Semicon Device LC72121MA Datasheet HTML 5Page - Sanyo Semicon Device LC72121MA Datasheet HTML 6Page - Sanyo Semicon Device LC72121MA Datasheet HTML 7Page - Sanyo Semicon Device LC72121MA Datasheet HTML 8Page - Sanyo Semicon Device LC72121MA Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LC72121MA
No.A2009-2/24
Specifications
Absolute Maximum Ratings at Ta = 25
°C, VSSd = VSSa = VSSX = 0V
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
VDD
-0.3 to +7.0
V
VIN1 max
CE, CL, DI, AIN
-0.3 to +7.0
V
VIN2 max
XIN, FMIN, AMIN, IFIN
-0.3 to VDD+0.3
V
Maximum input voltage
VIN3 max
IO1, IO2
-0.3 to +15
V
VO1 max
DO
-0.3 to +7.0
V
VO2 max
XOUT, PD
-0.3 to VDD+0.3
V
Maximum output voltage
VO3 max
BO1 to BO4, IO1, IO2, AOUT
-0.3 to +15
V
IO1 max
DO, AOUT
0 to 6.0
mA
Maximum output current
IO2 max
BO1 to BO4, IO1, IO2
0 to 10
mA
Allowable power dissipation
Pd max
(Ta
≤ 85°C)
200
mW
Operating temperature
Topr
-40 to +85
°C
Storage temperature
Tstg
-55 to +125
°C
Note 1: Power pins VDD and VSS: Insert a capacitor with a capacitance of 2,000pF or higher between these pins when
using the IC.
Allowable Operating Ranges at Ta = -40 to +85
°C, VSSd = VSSa = VSSX = 0V
Ratings
Parameter
Symbol
Pin
Conditions
min
typ
max
Unit
Supply voltage
VDD
VDD
2.7
3.6
V
VIH1
CE, CL, DI
0.7VDD
6.5
V
Input high-level voltage
VIH2
IO1, IO2
0.7VDD
13
V
Input low-level voltage
VIL
CE, CL, DI, IO1, IO2
0
0.3VDD
V
VO1
DO
0
6.5
V
Output voltage
VO2
BO1 to BO4, IO1, IO2, AOUT
0
13
V
fIN1
XIN
VIN1
1.0
8.0
MHz
fIN2
FMIN
VIN2
10
160
MHz
fIN3
AMIN
VIN3(SNS=1)
2.0
40
MHz
fIN4
AMIN
VIN4(SNS=0)
0.5
10
MHz
Input frequency
fIN5
IFIN
VIN5
0.4
15
MHz
Guaranteed crystal oscillator
frequency
X’tal
XIN, XOUT
Note 2
4.0
8.0
MHz
VIN1
XIN
fIN1
200
800
mVrms
VIN2-1
FMIN
f=10 to 130MHz
20
800
mVrms
VIN2-2
FMIN
f=130 to 160MHz
40
800
mVrms
VIN3
AMIN
fIN3(SNS=1)
40
800
mVrms
VIN4
AMIN
fIN4(SNS=0)
40
800
mVrms
VIN5
IFIN
fIN5(IFS=1)
40
800
mVrms
Input amplitude
VIN6
IFIN
fIN5(IFS=0)
70
800
mVrms
Data setup time
tSU
DI, CL
Note 3
0.75
μs
Data hold time
tHD
DI, CL
Note 3
0.75
μs
Clock low level time
tCL
CL
Note 3
0.75
μs
Clock high level time
tCH
CL
Note 3
0.75
μs
CE wait time
tEL
CE, CL
Note 3
0.75
μs
CE setup time
tES
CE, CL
Note 3
0.75
μs
CE hold time
tEH
CE, CL
Note 3
0.75
μs
Data latch change time
tLC
Note 3
0.75
μs
tDC
DO, CL
Data output time
tDH
DO, CE
Differs depending
on the value of the
pull-up resistor.
Note 3
0.35
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com