Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC72121MA Datasheet (PDF) - Sanyo Semicon Device

LC72121MA Datasheet PDF - Sanyo Semicon Device
Part # LC72121MA
Download  LC72121MA Download
File Size   250.06 Kbytes
Page   24 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description CMOS IC PLL Frequency Synthesizers for Electronic Tuning

LC72121MA Datasheet (PDF)

Go To PDF Page Download Datasheet
LC72121MA Datasheet PDF - Sanyo Semicon Device

Part # LC72121MA
Download  LC72121MA Click to download

File Size   250.06 Kbytes
Page   24 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description CMOS IC PLL Frequency Synthesizers for Electronic Tuning

LC72121MA Datasheet (HTML) - Sanyo Semicon Device


LC72121MA Product details

Overview

The LC72121MA are high input sensitivity (20mVrms at 130MHz) PLL frequency synthesizers for 3V systems.

These ICs are serial data (CCB) compatible with the LC72131K/KMA, and feature the improved input sensitivity and lower spurious radiation (provided by a redesigned ground system) required in high-performance AM/FM tuners.



Features
• High-speed programmable divider
    • FMIN: 10 to 160MHz ·················· Pulse swallower technique (With built-in divide-by-2 prescaler)
    • AMIN: 2 to 40MHz ····················· Pulse swallower technique 0.5 to 10MHz ·················· Direct division technique
• IF counter
    • IFIN: 0.4 to 15MHz ····················· For AM and FM IF counting
• Reference frequency
    • One of 12 reference frequencies can be selected (using a 4.5 or 7.2MHz crystal element) 1, 3, 5, 9, 10, 3.125, 6.25, 12.5, 15, 25, 50, and 100kHz
• Phase comparator
    • Supports dead zone control.
    • Built-in unlocked state detection circuit
    • Built-in deadlock clear circuit
    • An MOS transistor for an active low-pass filter is built in.
• I/O ports
    • Output-only ports: 4 pins
    • I/O ports: 2 pins
    • Supports the output of a clock time base signal.
• Serial data I/O
    • Support CCB format communication with the system controller.
• Operating ranges
    • Supply voltage: 2.7 to 3.6V
    • Operating temperature: -40 to +85°C
• Package
    • MFP24SJ




Similar Part No. - LC72121MA

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72121M SANYO-LC72121M Datasheet
379Kb / 22P
PLL Frequency Synthesizers for Electronic Tuning
More results


Similar Description - LC72121MA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TSA6057 PHILIPS-TSA6057 Datasheet
650Kb / 14P
Radio tuning PLL frequency synthesizers
1997 Oct 29
logo
Sanyo Semicon Device
LC72121 SANYO-LC72121 Datasheet
379Kb / 22P
PLL Frequency Synthesizers for Electronic Tuning
LC72133M SANYO-LC72133M Datasheet
302Kb / 22P
PLL Frequency Synthesizer for Electronic Tuning?
LC72146 SANYO-LC72146 Datasheet
357Kb / 21P
PLL Frequency Synthesizer for Electronic Tuning
LC7216M SANYO-LC7216M Datasheet
382Kb / 18P
PLL Frequency Synthesizer for Electronic Tuning?
LM7001J SANYO-LM7001J Datasheet
91Kb / 8P
Direct PLL Frequency Synthesizers for Electronic Tuning
logo
Freescale Semiconductor...
MC145151-2 FREESCALE-MC145151-2 Datasheet
600Kb / 24P
PLL Frequency Synthesizers (CMOS)
logo
Sanyo Semicon Device
LC72121 SANYO-LC72121_03 Datasheet
425Kb / 23P
PLL Frequency Synthesizers for Electronic Tuning
LC72133M SANYO-LC72133M_11 Datasheet
264Kb / 23P
PLL Frequency Synthesizer for Electronic Tuning
logo
NXP Semiconductors
MC145151-2 NXP-MC145151-2 Datasheet
916Kb / 24P
PLL Frequency Synthesizers (CMOS)
Rev. 5, 12/2004
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com