Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC72121 Datasheet (PDF) - Sanyo Semicon Device

LC72121 Datasheet PDF - Sanyo Semicon Device
Part # LC72121
Download  LC72121 Download
File Size   379.55 Kbytes
Page   22 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description PLL Frequency Synthesizers for Electronic Tuning

LC72121 Datasheet (PDF)

Go To PDF Page Download Datasheet
LC72121 Datasheet PDF - Sanyo Semicon Device

Part # LC72121
Download  LC72121 Click to download

File Size   379.55 Kbytes
Page   22 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description PLL Frequency Synthesizers for Electronic Tuning

LC72121 Datasheet (HTML) - Sanyo Semicon Device


LC72121 Product details

Overview
The LC72121 and the LC72121M and the LC72121V are high input sensitivity (20 mVrms at 130 MHz) PLL frequency synthesizers for 3 V systems. These ICs are serial data (CCB) compatible with the LC72131, and feature the improved input sensitivity and lower spurious radiation (provided by a redesigned ground system) required in high-performance AM/FM tuners.

Functions
• High-speed programmable divider
    — FMIN: 10 to 160 MHz ... Pulse  swallower  technique (With built-in divide-by-2 prescaler)
    — AMIN: 2 to 40 MHz ... Pulse swallower technique 0.5 to 10 MHz ... Direct division technique
• IF counter
    — IFIN: 0.4 to 15 MHz ... For AM and FM IF counting
• Reference frequency
    — One of 12 reference frequencies can be selected (using a 4.5 or 7.2 MHz crystal element) 1, 3, 5, 9, 10, 3.125, 6.25, 12.5, 15, 25, 50, and 100 kHz
• Phase comparator
    — Supports dead zone control.
    — Built-in unlocked state detection circuit
    — Built-in deadlock clear circuit
• An MOS transistor for an active low-pass filter is built in.
• I/O ports
    — Output-only ports: 4 pins
    — I/O ports: 2 pins
    — Supports the output of a clock time base signal.
• Operating ranges
    — Supply voltage: 2.7 to 3.6 V
    — Operating temperature: – 40 to 85°C
• Package
    — DIP22S, MFP24S, SSOP24
• Comparison with the LC72131/M
    — Serial data compatible (CCB)
    — Identical pin functions
    — Two VSS pins were added.
    — The DIP version is pin compatible (VSS pins were inserted as the DIP22S NC pins.)
    — The MFP product provides a modified pin assignment (The MFP20 package was replaced by an MFP24 package, and extra VSS pins were added.)
    — The SSOP24 is a newly developed package that has the same pin assignment as the MFP24S product.




Similar Part No. - LC72121

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72121 SANYO-LC72121 Datasheet
425Kb / 23P
PLL Frequency Synthesizers for Electronic Tuning
LC72121MA SANYO-LC72121MA Datasheet
250Kb / 24P
CMOS IC PLL Frequency Synthesizers for Electronic Tuning
LC72121 SANYO-LC72121_03 Datasheet
425Kb / 23P
PLL Frequency Synthesizers for Electronic Tuning
More results


Similar Description - LC72121

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TSA6057 PHILIPS-TSA6057 Datasheet
650Kb / 14P
Radio tuning PLL frequency synthesizers
1997 Oct 29
logo
Sanyo Semicon Device
LC72133M SANYO-LC72133M Datasheet
302Kb / 22P
PLL Frequency Synthesizer for Electronic Tuning?
LC72136 SANYO-LC72136 Datasheet
370Kb / 23P
PLL Frequency Synthesizer for Electronic Tuning
LC72137 SANYO-LC72137 Datasheet
351Kb / 23P
PLL Frequency Synthesizer for Electronic Tuning
LC72146 SANYO-LC72146 Datasheet
357Kb / 21P
PLL Frequency Synthesizer for Electronic Tuning
LC7216M SANYO-LC7216M Datasheet
382Kb / 18P
PLL Frequency Synthesizer for Electronic Tuning?
LM7001J SANYO-LM7001J Datasheet
91Kb / 8P
Direct PLL Frequency Synthesizers for Electronic Tuning
LC72121 SANYO-LC72121_03 Datasheet
425Kb / 23P
PLL Frequency Synthesizers for Electronic Tuning
LC72133M SANYO-LC72133M_11 Datasheet
264Kb / 23P
PLL Frequency Synthesizer for Electronic Tuning
LC72121MA SANYO-LC72121MA Datasheet
250Kb / 24P
CMOS IC PLL Frequency Synthesizers for Electronic Tuning
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com