Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS2910 Datasheet(PDF) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WS2910
Description  WS2910 ?싩뵪遙섆벽佯쪳ED要긷뒯
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WS2910 Datasheet(HTML) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WS2910 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2910 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2910 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2910 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2910 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2910 Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2910 Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Copyright@Winsemi Microelectronics Co., Ltd., All right reserved.
Rev.1.0 July.2011
WS
WS
WS
WS2910
2910
2910
2910
特点
■
单控开关LED的开关模式控制器
■
开环峰值电流模式控制
■
内部集成8~450V的线性调整器
■
可编程恒定频率或恒定关断时间工作模式
■
线性调光和PWM调光功能
■
工作时仅需极少外围元件
应用领域
■ DC/DC或AC/DC LED驱动
■ RGB背光LED驱动
■
平板显示器背光
■
通用恒定电流源
■ LED指示灯或装饰灯
■
充电器
典型应用电路
概述
WS2910是一款电流模式控制的LED驱动IC。通 过改变RT
端电阻的接法,WS2910可以分别工作在 恒频模式或者恒定
关断时间模式。WS2910内部集 成8~450V的线性调整器,
保证系统可以在很宽的输 入电压范围内工作,无需外部输
入低电源电压。它 的PWM调光引脚,可以接受占空比为
0~100%,频 率高达数千赫兹的控制信号。另外,它的线性
调光 引脚,可以接受0~250mV的输入电压,用来线性调 节
LED电流。
WS2910适合用于降压LED驱动。由于WS2910 工作
在开环电流控制模式,因此,无需外部额外的 补偿,便可
达到很好的电流调整率。PWM调光响应 仅有电感的上升斜
率 和下 降斜 率 限 制 , 使其 具 有 快 速 上 升和 下 降 时 间 。
WS2910仅需三个外部元件(不 包含功率级)便可得到受控
的LED电流,使其成为低成本LED驱动的理想解决方案。
WS
WS
WS
WS2910
2910
2910
2910 通用高亮度LED
LED
LED
LED驱动
WS
WS
WS
WS


Similar Part No. - WS2910

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
WS2 E-SWITCH-WS2 Datasheet
823Kb / 4P
WS2 Series Snap Action Switch
3.14.2022
logo
List of Unclassifed Man...
WS2 ETC-WS2 Datasheet
240Kb / 2P
PS-900 Soldering System High Power. Superior Control. Cost Effective.
Jan. 2008
logo
OKI electronic componet...
WS2 OKI-WS2 Datasheet
5Mb / 64P
Soldering Tools and Equipment for Electronics Assembly
logo
Metcal
WS2 METCAL-WS2 Datasheet
4Mb / 9P
60W Single Output Solder / Rework System
WS2 METCAL-WS2 Datasheet
326Kb / 1P
MFR/PS Accessories & Spare Parts
More results

Similar Description - WS2910

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL261A HP-HCPL261A Datasheet
159Kb / 15P
遙쁂MR ?곲쳵?잞펷10MBd竊?鵝롥뀯?쎼깢?⒲깉?ャ깤?
logo
Tiger Electronic Co.,Lt...
OB2311 TGS-OB2311 Datasheet
742Kb / 6P
?끿쉰遙섇럨MOSFET?꾤뵷役곫Æ凉뢕WM?㎩댍?
logo
Torex Semiconductor
XC6233 TOREX-XC6233 Datasheet
827Kb / 30P
囹곩뀯?삥탛?꿩?艅잒꺗餓섅걤 200mA 遙섌?LDO ?с궙?γ꺃?쇈궭
XC6420 TOREX-XC6420 Datasheet
789Kb / 26P
150mA 弱뤷엹遙섌?Dual LDO ?с궙?γ꺃?쇈궭, ON/OFF ?밤궎?껁긽餓섅걤
XC6126 TOREX-XC6126 Datasheet
222Kb / 9P
擁끻컦??遙섊꼐佯??섉찣?썽쎔?㎪쩂?뷴솳
logo
Asahi Kasei Microsystem...
CQ-2093 AKM-CQ-2093 Datasheet
487Kb / 12P
遙섌?恙쒐춸 弱뤷엹 ?삥탛?삠꺍?
logo
Hamamatsu Corporation
S6045 HAMAMATSU-S6045_15 Datasheet
333Kb / 5P
鵝롦릇佯╊퓗?겹궭?ㅳ깤??800 nm躍?뵪APD
logo
Seaward Electronics Inc...
SE1025 SEAWARD-SE1025 Datasheet
342Kb / 7P
40V 500mA 凉?뀽?딯ED 瘟껇돯要긷뒯?②컘?
logo
SamHop Microelectronics...
SM8207 SAMHOP-SM8207 Datasheet
304Kb / 9P
SM8207???窈녽솉鶯볟엹若싮쎔役곭쉪LED要끻땿IC,??뇡?
logo
Formosa MS
QRDM-LED02 FORMOSA-QRDM-LED02 Datasheet
169Kb / 1P
LED?됧폊?롦Æ???뜸뻑佯붺뵪
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com