Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS2268SP Datasheet(PDF) 3 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WS2268SP
Description  Primary Side AC/DC Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WS2268SP Datasheet(HTML) 3 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WS2268SP Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2268SP Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2268SP Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2268SP Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2268SP Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2268SP Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2268SP Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2268SP Datasheet HTML 8Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3/8
WS2268
Steady, keep for your advance
Recommended Condition
Parameter
Value
Unit
Supply voltage(VP)
10~30
V
Operating temperature
-20~85
℃
Absolute Maximum Ratings(Note 1)
Parameter
Value
Unit
Supply voltage(VP)
30
V
Feedback voltage(U)
-40~10
V
others(IP, G, PCC, CDC)
-0.3~7
V
Output current at G
Internally limited
A
Power dissipation at Ta=25℃
0.657
W
Operating junction temperature
150
℃
Storage temperature
-65~150
℃
Thermal resistance junction-to-ambient
190
℃
/W
Note 1:Stresses greater than those listed under “Absolute Maximum Rating” may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “Recommended
operating conditions” is not implied. Exposure to “Absolute Maximum Rating” for extended periods may affect device reliability.
Electrical Characteristics (Tc = 25°C)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Start-up section
Start-up threshold
Vstu
18
20
22
V
UVLO threshold
Vlo
7
9
11
V
Start-up current
Istart
VP=Vstu-0.5V
3
5
uA
Operating current
IIS
Static
600
900
uA
Current sense section
IP compare threshold
Vip
475
500
525
mV
Leading edge blanking
Tleb
500
ns
Feedback section
Feedback threshold voltage
Vs&href
4
V
Input resistor
Ru
Dynamic
350
KΩ
Over voltage protection
Vovp
7
8
9
V
Open circuit protection vlotage
Vockp
-1.2
-1
-0.8
V
Drive output section
Output low voltage
VOL
Io = -20mA
0.8
V
Output high voltage
VOH
Io = 20mA
8
V
Output clamp
VClamp
19
V
Rise time
Tr
CL = 1nf
200
ns
Fall time
Tf
CL = 1nf
70
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com