Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS2268SP Datasheet(PDF) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WS2268SP
Description  Primary Side AC/DC Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WS2268SP Datasheet(HTML) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WS2268SP Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2268SP Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2268SP Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2268SP Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2268SP Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2268SP Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2268SP Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2268SP Datasheet HTML 8Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev. 2 Jan.2012
WS2268
T21-2
Copyright@Winsemi Mircroelectronics.,Ltd.,All rights reserved.
Primary Side AC/DC Controller
Features
■ Lower no-load power
■ Lower start-up current
■ Built-in cable compensation
■ Built-in peak current compensation
■ Random frequency modulation to reduce system EMI
■ Built-in leading edge blanking
■ Current limited protection in each cycle
■ Over voltage protection
■ Open circuit protection
■ Under voltage lockout
Application
■ Adapters/Chargers for Cell/Cordless phones, PDAs, MP3
and other portable apparatus
■ Standby and Auxiliary power supplies
Gerneral Description
The WS2268 is a high performance AC/DC power
supply controller for battery charger and adapter
applications. The device uses Pulse Frequency
Modulation (PFM) method to build discontinuous
conduction mode (DCM) flyback power supplies.
The WS2268 provides accurate constant voltage,
constant current (CV/CC) regulation without requiring
the opto-coupler and the secondary control circuitry.
It also eliminates the need of loop compensation
circuitry while maintaining stability.
The WS2268 achieves excellent regulation and
high
power
efficiency,
the
no-load
power
consumption is less than 100mW.
The WS2268 is available in SOP8 package.
Typical Application
WS2268


Similar Part No. - WS2268SP

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
WS2259 WINSEMI-WS2259 Datasheet
610Kb / 11P
Burst Mode function, Low startup current (4uA), Low operation current (1.7mA)
WS2259DP WINSEMI-WS2259DP Datasheet
610Kb / 11P
Burst Mode function, Low startup current (4uA), Low operation current (1.7mA)
WS2259SP WINSEMI-WS2259SP Datasheet
610Kb / 11P
Burst Mode function, Low startup current (4uA), Low operation current (1.7mA)
WS2259YP WINSEMI-WS2259YP Datasheet
610Kb / 11P
Burst Mode function, Low startup current (4uA), Low operation current (1.7mA)
WS2273 WINSEMI-WS2273 Datasheet
399Kb / 9P
2273 Current Mode PWM Controller
More results

Similar Description - WS2268SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1809-1 TI-UCC1809-1 Datasheet
162Kb / 11P
Economy Primary Side Controller
logo
Shenzhen Winsemi Microe...
WS2580 WINSEMI-WS2580 Datasheet
204Kb / 9P
Low Power Primary Side AC/DC Controller
logo
Texas Instruments
UC1548 TI1-UC1548_08 Datasheet
372Kb / 10P
Primary Side PWM Controller
UCC1809-1 TI1-UCC1809-1_16 Datasheet
1Mb / 23P
Economy Primary Side Controller
logo
Dialog Semiconductor
IW1791 DIALOG-IW1791 Datasheet
462Kb / 6P
AC/DC Primary-Side Rapid ChargeTM PWM Controller
logo
AiT Semiconductor Inc.
AP8836 AITSEMI-AP8836 Datasheet
586Kb / 15P
AC-DC PWM CONTROLLER HIGH PRECISION CC/CV PRIMARY-SIDE CONVERTER
REV1.1
logo
Renesas Technology Corp
IW9801 RENESAS-IW9801 Datasheet
509Kb / 7P
RapidChargeTM AC/DC Primary-Side Digital ZVS Flyback Controller
28-Apr-2022
IW9802 RENESAS-IW9802 Datasheet
691Kb / 8P
RapidChargeTM AC/DC Primary-Side Digital ZVS Flyback Controller
23-Feb-2022
IW9809 RENESAS-IW9809 Datasheet
513Kb / 7P
RapidChargeTM AC/DC Primary-Side Digital Quasi-Resonant Flyback Controller for Secondary-Side Regulation
23-Feb-2022
logo
AiT Semiconductor Inc.
AP8010 AITSEMI-AP8010 Datasheet
370Kb / 13P
AC-DC PWM CONTROLLER PRIMARY SWITCHING REGULATORS
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com