Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS2259DP Datasheet(PDF) 2 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WS2259DP
Description  Burst Mode function, Low startup current (4uA), Low operation current (1.7mA)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WS2259DP Datasheet(HTML) 2 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WS2259DP Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2259DP Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2259DP Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2259DP Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2259DP Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2259DP Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2259DP Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2259DP Datasheet HTML 8Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2259DP Datasheet HTML 9Page - Shenzhen Winsemi Microelectronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Steady,
Steady,
Steady,
Steady, keep
keep
keep
keep you
you
you
you advance
advance
advance
advance
2/11
WS2259
WS2259
WS2259
WS2259
Pin
Pin
Pin
Pin Definition
Definition
Definition
Definition and
and
and
and Device
Device
Device
Device Marking
Marking
Marking
Marking
WS2259
is offered in SOT23-6, SOP-8 and DIP-8 packages,as shown below:
Ordering
Ordering
Ordering
Ordering Information
Information
Information
Information
Package
Package
Package
Package
IC
IC
IC
IC Marking
Marking
Marking
Marking Information
Information
Information
Information
Purchasing
Purchasing
Purchasing
Purchasing Device
Device
Device
Device Name
Name
Name
Name
8-Pin DIP8,
Pb-free
WS2259DP
WS2259DP
8-Pin SOP8,
Pb-free
WS2259SP
WS2259SP
6-Pin SOT23-6, Pb-free
59XXX
WS2259YP(SOT23-6)
59: WS2259
Y: Year Code (1:2011; 2:2012……)
WW: Week Code (1-52)
X: D = DIP8 , S = SOP8
P: P = Pb-free package
D: 芯片代码
V: 内部版本号 (可选 1-9)
f: 工厂代码
Y: Year Code (1:2011; 2:2012……)
WW: Week Code (1-52)
S E N S E
S O T2 3-6
1
2
3
6
5
4
G N D
F B
R I
G A T E
V D D
1
2
3
4
8
7
6
5
G N D
G A T E
V D D
S E N S E
F B
R I
N C
N C
D I P8
S O P8
W
W
W
WS
S
S
S2259XP
2259XP
2259XP
2259XP
Dvf
Dvf
Dvf
Dvf
YWW
YWW
YWW
YWW



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com