Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS2259DP Datasheet(PDF) 3 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WS2259DP
Description  Burst Mode function, Low startup current (4uA), Low operation current (1.7mA)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WS2259DP Datasheet(HTML) 3 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WS2259DP Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2259DP Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2259DP Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2259DP Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2259DP Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2259DP Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2259DP Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2259DP Datasheet HTML 8Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2259DP Datasheet HTML 9Page - Shenzhen Winsemi Microelectronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Steady,
Steady,
Steady,
Steady, keep
keep
keep
keep you
you
you
you advance
advance
advance
advance
3/11
WS2259
WS2259
WS2259
WS2259
Pin
Pin
Pin
Pin Function
Function
Function
Function Description
Description
Description
Description
Pin
Pin
Pin
Pin
Name
Name
Name
Name
Pin
Pin
Pin
Pin No.
No.
No.
No.
DIP8
DIP8
DIP8
DIP8/SOT2
/SOT2
/SOT2
/SOT23
3
3
3
Pin
Pin
Pin
Pin Type
Type
Type
Type
Function
Function
Function
Function Description
Description
Description
Description
GATE
1 / 6
Output
Totem-pole gate drive output for the power MOSFET
VDD
2 / 5
Power
Power Supply
NC
3
Floating
Floating
SENSE
4 / 4
Current
Monitoring
Current sense input.
RI
5 / 3
Frequency
Setting
Internal oscillator frequency setting pin. A resistor which is
connected between RI and GND sets the PWM frequency
NC
6
Floating
Floating
FB
7 / 2
Feedback
Input
Feedback input pin. The PWM duty cycle is determined by voltage into
this pin and the current-sense signal at Pin 4
GND
8 / 1
Ground
Ground
Block
Block
Block
Block Diagram
Diagram
Diagram
Diagram
V D D
c l a m p
O S C
L o g i c
S o f t
driver
S o f t
S t a r t
O C P
L E B
S l o p e
compensation
Voltage
Divider
P W M
O L P
Internal
Supply
U V L O
B u r s t
M o d e



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com