Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA1117BS/BF/BPI50 Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # KIA1117BS/BF/BPI50
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA1117BS/BF/BPI50 Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KIA1117BS/BF/BPI50 Datasheet HTML 1Page - KEC(Korea Electronics) KIA1117BS/BF/BPI50 Datasheet HTML 2Page - KEC(Korea Electronics) KIA1117BS/BF/BPI50 Datasheet HTML 3Page - KEC(Korea Electronics) KIA1117BS/BF/BPI50 Datasheet HTML 4Page - KEC(Korea Electronics) KIA1117BS/BF/BPI50 Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2011. 3. 30
3/5
Revision No : 0
KIA1117BS/BF/BPI00 ~ KIA1117BS/BF/BPI50
Fig.1 Application Circuit-1 (Fixed-Type)
Fig.2 Application Circuit-2 (Adjustable-Type)
VOUT=VREF× (1+R2/R1) + IADJ×R2
* Note 1) MLCC, Tantalum, Low ESR Electrolytic Capacitors
are suitable in ESR range for stability (1m~200
Ω)
** Note 2) When R1 is much larger than 124
Ω, apply 8~10mA
to Vout-GND by setting an additional dummy resistor for
stability of Vout under no load condition



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com