Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA1117BS/BF/BPI50 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KIA1117BS/BF/BPI50
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA1117BS/BF/BPI50 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KIA1117BS/BF/BPI50 Datasheet HTML 1Page - KEC(Korea Electronics) KIA1117BS/BF/BPI50 Datasheet HTML 2Page - KEC(Korea Electronics) KIA1117BS/BF/BPI50 Datasheet HTML 3Page - KEC(Korea Electronics) KIA1117BS/BF/BPI50 Datasheet HTML 4Page - KEC(Korea Electronics) KIA1117BS/BF/BPI50 Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2011. 3. 30
1/5
Revision No : 0
SEMICONDUCTOR
TECHNICAL DATA
KIA1117BS/BF/BPI00~
KIA1117BS/BF/BPI50
BIPOLAR LINEAR INTEGRATED CIRCUIT
LOW DROP FIXED AND ADJUSTABLE
POSITIVE VOLTAGE REGULATOR
The KIA1117BS/BF/BPI
×× Series are a Low Drop Voltage Regulator
able to provide up to 1A of output current, available even in adjustable
version (Vref=1.25V)
FEATURES
・Low Dropout Voltage : 1.1V/Typ. (Iout=1.0A)
・Very Low Quiescent Current : 5㎃(Typ)
・Output Current up to 1A
・Fixed Output Voltage of 1.2V, 1.5V, 1.8V, 2.5V, 3.3V, 5.0V
・Adjustable Version Availability : Vref=1.25V
・Internal Current and Thermal Limit
・A Minimum of 10㎌ for stability
・Suitable for MLCC, Tantalum and Low ESR Electrolytic Capacitors
・ESR Range for stability : 1mΩ~200Ω
・Available in ±2%(at 25℃)
・High Ripple Rejection : 80dB(Typ)
・Temperature Range : -40℃~150℃
LINE UP
ITEM
OUTPUT VOLTAGE (V)
PACKAGE
KIA1117BS/BF/BPI00
Adjustable (1.25~10V)
BS : SOT-223
BF : DPAK
BPI : TO-220IS
KIA1117BS/BF/BPI12
1.2
KIA1117BS/BF/BPI15
1.5
KIA1117BS/BF/BPI18
1.8
KIA1117BS/BF/BPI25
2.5
KIA1117BS/BF/BPI33
3.3
KIA1117BS/BF/BPI50
5.0
MAXIMUM RATINGS (Ta=25
℃)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Input Voltage
VIN
12
V
Output Current
IOUT
1.0
A
Power Dissipation 1
(No Heatsink)
S (Note)
PD1
1.0
W
F
1.3
PI
2.0
Power Dissipation 2
(Infinite Heatsink)
S
PD2
8.3
W
F
13
PI
20.8
Maximum Junction Temperature
Tj(max)
150
Operating Junction Temperature
Topr
-40
~150
Storage Temperature
Tstg
-55
~150
Note) Package Mounted on FR-4 PCB 36
㎜×18㎜×1.5㎜.
: mounting pad for the GND Lead min. 6
SOT-223
DPAK
TO-220IS


Similar Part No. - KIA1117BS/BF/BPI50

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA1117BS/BF/BPI50 KEC-KIA1117BS/BF/BPI50 Datasheet
762Kb / 5P
SEMICONDUCTOR
More results

Similar Description - KIA1117BS/BF/BPI50

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7127LSF AUK-S7127LSF Datasheet
94Kb / 4P
Bipolar Linear Integrated Circuit
logo
Toshiba Semiconductor
TA8233BHQ TOSHIBA-TA8233BHQ Datasheet
1Mb / 14P
Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78MR05PI KEC-KIA78MR05PI Datasheet
1Mb / 8P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78R000F KEC-KIA78R000F Datasheet
103Kb / 10P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF_13 Datasheet
451Kb / 20P
BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com