Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KUSB50QN Datasheet(PDF) 7 Page - KEC(Korea Electronics)

Part # KUSB50QN
Description  HIGH-SPEED USB2.0 DPDT SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KUSB50QN Datasheet(HTML) 7 Page - KEC(Korea Electronics)

Back Button KUSB50QN Datasheet HTML 2Page - KEC(Korea Electronics) KUSB50QN Datasheet HTML 3Page - KEC(Korea Electronics) KUSB50QN Datasheet HTML 4Page - KEC(Korea Electronics) KUSB50QN Datasheet HTML 5Page - KEC(Korea Electronics) KUSB50QN Datasheet HTML 6Page - KEC(Korea Electronics) KUSB50QN Datasheet HTML 7Page - KEC(Korea Electronics) KUSB50QN Datasheet HTML 8Page - KEC(Korea Electronics) KUSB50QN Datasheet HTML 9Page - KEC(Korea Electronics) KUSB50QN Datasheet HTML 10Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
2010. 2. 10
7/10
KUSB50QN
Revision No : 0
Test Diagram (Continued)
Fig. 4 Switch On Resistance
Fig. 5 OFF Leakage
GND
GND
HSDn
D
S
VIN
VOUT
RON = VON / ION
VON = VIN -VOUT
VS = VIL or VIH
IOFF = (VCC = 0V)
IOZ (VOE- =VCC)
VS = VIL or VIH
VS
ION
KUSB50QN
NC
S
D
OE-
Each Data Ports is tested separately
KUSB50QN
GND
VIN
IOZ or IOFF
A
GND
GND
VCC
VCC
GND
VCC
GND
VCC
VS
VOE-
Fig. 6 Channel On Capacitance
D
HSDn
D
HSDn
S
S
VS = 0V or VCC
VS = 0V or VCC
KUSB50QN
Fig. 7 Channel OFF Capacitance
Freq=1MHz
KUSB50QN
Capacitance
Meter
Freq=1MHz
Capacitance
Meter



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com