Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KUSB50QN Datasheet(PDF) 8 Page - KEC(Korea Electronics)

Part # KUSB50QN
Description  HIGH-SPEED USB2.0 DPDT SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KUSB50QN Datasheet(HTML) 8 Page - KEC(Korea Electronics)

Back Button KUSB50QN Datasheet HTML 2Page - KEC(Korea Electronics) KUSB50QN Datasheet HTML 3Page - KEC(Korea Electronics) KUSB50QN Datasheet HTML 4Page - KEC(Korea Electronics) KUSB50QN Datasheet HTML 5Page - KEC(Korea Electronics) KUSB50QN Datasheet HTML 6Page - KEC(Korea Electronics) KUSB50QN Datasheet HTML 7Page - KEC(Korea Electronics) KUSB50QN Datasheet HTML 8Page - KEC(Korea Electronics) KUSB50QN Datasheet HTML 9Page - KEC(Korea Electronics) KUSB50QN Datasheet HTML 10Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
2010. 2. 10
8/10
KUSB50QN
Revision No : 0
Fig. 8 AC Test Circuit
CL
RL VOUT
D+, D-
KUSB50QN
GND
GND
GND
GND
VCC
GND
HSD1 or 2
HSD2 or 1
VIN
VS
VOE-
S
OE-
1. RL and CL are functions of application environment.
2. CL includes test jig and probe capacitance.
Fig. 9 Propagation Delay Time
tRISE=500ps
VOH
VOL
tPLH
tPHL
tFALL=500ps
800mV
400mV
Input : HSDn
Output : D
90%
90%
10%
10%
50%
50%
50%
50%
Fig. 10 Turn-On / Turn-Off Time
tRISE=2.5ns
VCC
VOH
VOL
tON
tOFF
tFALL=2.5ns
GND
Output : D
90%
90%
10%
10%
VCC/2
VCC/2
90%
90%
Input : S, OE-



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com