Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS090 Datasheet(PDF) 205 Page - Microsemi Corporation

Part # AFS090
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS090 Datasheet(HTML) 205 Page - Microsemi Corporation

Back Button AFS090 Datasheet HTML 201Page - Microsemi Corporation AFS090 Datasheet HTML 202Page - Microsemi Corporation AFS090 Datasheet HTML 203Page - Microsemi Corporation AFS090 Datasheet HTML 204Page - Microsemi Corporation AFS090 Datasheet HTML 205Page - Microsemi Corporation AFS090 Datasheet HTML 206Page - Microsemi Corporation AFS090 Datasheet HTML 207Page - Microsemi Corporation AFS090 Datasheet HTML 208Page - Microsemi Corporation AFS090 Datasheet HTML 209Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 334 page
background image
Fusion Family of Mixed Signal FPGAs
R e visio n 2
2 - 189
1.8 V LVCMOS
Low-Voltage CMOS for 1.8 V is an extension of the LVCMOS standard (JESD8-5) used for general-
purpose 1.8 V applications. It uses a 1.8 V input buffer and push-pull output buffer.
Table 2-118 • Minimum and Maximum DC Input and Output Levels
1.8 V
LVCMOS
VIL
VIH
VOL
VOH
IOL IOH
IOSL
IOSH
IIL1
IIH2
Drive
Strength
Min.
V
Max.
V
Min.
V
Max.
V
Max.
V
Min.
VmA mA
Max.
mA3
Max.
mA3
µA4 µA4
Applicable to Pro I/O Banks
2 mA
–0.3
0.35 * VCCI 0.65 * VCCI
3.6
0.45 VCCI – 0.45
2
2
11
9
10
10
4 mA
–0.3
0.35 * VCCI 0.65 * VCCI
3.6
0.45 VCCI – 0.45
4
4
22
17
10
10
6 mA
–0.3
0.35 * VCCI 0.65 * VCCI
3.6
0.45 VCCI – 0.45
6
6
44
35
10
10
8 mA
–0.3
0.35 * VCCI 0.65 * VCCI
3.6
0.45 VCCI – 0.45
8
8
51
45
10
10
12 mA
–0.3
0.35 * VCCI 0.65 * VCCI
3.6
0.45 VCCI – 0.45 12
12
74
91
10
10
16 mA
–0.3
0.35 * VCCI 0.65 * VCCI
3.6
0.45 VCCI – 0.45 16
16
74
91
10
10
Applicable to Advanced I/O Banks
2 mA
–0.3
0.35 * VCCI 0.65 * VCCI
1.9
0.45 VCCI – 0.45
2
2
11
9
10
10
4 mA
–0.3
0.35 * VCCI 0.65 * VCCI
1.9
0.45 VCCI – 0.45
4
4
22
17
10
10
6 mA
–0.3
0.35 * VCCI 0.65 * VCCI
1.9
0.45 VCCI – 0.45
6
6
44
35
10
10
8 mA
–0.3
0.35 * VCCI 0.65 * VCCI
1.9
0.45 VCCI – 0.45
8
8
51
45
10
10
12 mA
–0.3
0.35 * VCCI 0.65 * VCCI
1.9
0.45 VCCI – 0.45 12
12
74
91
10
10
16 mA
–0.3
0.35 * VCCI 0.65 * VCCI
1.9
0.45 VCCI – 0.45 16
16
74
91
10
10
Applicable to Standard I/O Banks
2 mA
–0.3
0.35 * VCCI 0.65 * VCCI
3.6
0.45 VCCI – 0.45
2
2
11
9
10
10
4 mA
–0.3
0.35 * VCCI 0.65 * VCCI
3.6
0.45 VCCI – 0.45
4
4
22
17
10
10
Notes:
1. IIL is the input leakage current per I/O pin over recommended operation conditions where –0.3 V < VIN < VIL.
2. IIH is the input leakage current per I/O pin over recommended operating conditions VIH < VIN < VCCI. Input current is
larger when operating outside recommended ranges.
3. Currents are measured at high temperature (100°C junction temperature) and maximum voltage.
4. Currents are measured at 85°C junction temperature.
5. Software default selection highlighted in gray.
Figure 2-119 • AC Loading
Table 2-119 • AC Waveforms, Measuring Points, and Capacitive Loads
Input Low (V)
Input Low (V)
Measuring Point* (V)
VREF (typ.) (V)
CLOAD (pF)
01.8
0.9
–
35
Note:
*Measuring point = Vtrip. See Table 2-90 on page 2-168 for a complete table of trip points.
Test Point
Test Point
Enable Path
Data Path
35 pF
R = 1 k
R to VCCI for tLZ / tZL / tZLS
R to GND for tHZ / tZH / tZHS
35 pF for tZH / tZHS / tZL / tZLS
35 pF for tHZ / tLZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com