Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS090 Datasheet(PDF) 48 Page - Microsemi Corporation

Part # AFS090
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS090 Datasheet(HTML) 48 Page - Microsemi Corporation

Back Button AFS090 Datasheet HTML 44Page - Microsemi Corporation AFS090 Datasheet HTML 45Page - Microsemi Corporation AFS090 Datasheet HTML 46Page - Microsemi Corporation AFS090 Datasheet HTML 47Page - Microsemi Corporation AFS090 Datasheet HTML 48Page - Microsemi Corporation AFS090 Datasheet HTML 49Page - Microsemi Corporation AFS090 Datasheet HTML 50Page - Microsemi Corporation AFS090 Datasheet HTML 51Page - Microsemi Corporation AFS090 Datasheet HTML 52Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 334 page
background image
Device Architecture
2- 32
R e visio n 2
The NGMUX macro is simplified to show the two clock options that have been selected by the
GLMUXCFG[1:0] bits. Figure 2-25 illustrates the NGMUX macro. During design, the two clock sources
are connected to CLK0 and CLK1 and are controlled by GLMUXSEL[1:0] to determine which signal is to
be passed through the MUX.
The sequence of switching between two clock sources (from CLK0 to CLK1) is as follows (Figure 2-26):
•
GLMUXSEL[1:0] transitions to initiate a switch.
•
GL drives one last complete CLK0 positive pulse (i.e., one rising edge followed by one falling
edge).
•
From that point, GL stays Low until the second rising edge of CLK1 occurs.
•
At the second CLK1 rising edge, GL will begin to continuously deliver the CLK1 signal.
•
Minimum tsw = 0.05 ns at 25°C (typical conditions)
For examples of NGMUX operation, refer to the Fusion FPGA Fabric User’s Guide.
Figure 2-25 • NGMUX Macro
Figure 2-26 • NGMUX Waveform
CLK0
CLK1
GL
GLMUXSEL[1:0]
CLK0
CLK1
GLMUXSEL[1:0]
GL
tSW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com