Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS090 Datasheet(PDF) 66 Page - Microsemi Corporation

Part # AFS090
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS090 Datasheet(HTML) 66 Page - Microsemi Corporation

Back Button AFS090 Datasheet HTML 62Page - Microsemi Corporation AFS090 Datasheet HTML 63Page - Microsemi Corporation AFS090 Datasheet HTML 64Page - Microsemi Corporation AFS090 Datasheet HTML 65Page - Microsemi Corporation AFS090 Datasheet HTML 66Page - Microsemi Corporation AFS090 Datasheet HTML 67Page - Microsemi Corporation AFS090 Datasheet HTML 68Page - Microsemi Corporation AFS090 Datasheet HTML 69Page - Microsemi Corporation AFS090 Datasheet HTML 70Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 334 page
background image
Device Architecture
2- 50
R e visio n 2
Read Operation
Read operations are designed to read data from the FB Array, Page Buffer, Block Buffer, or status
registers. Read operations support a normal read and a read-ahead mode (done by asserting
READNEXT). Also, the timing for Read operations is dependent on the setting of PIPE.
The following diagrams illustrate representative timing for Non-Pipe Mode (Figure 2-38) and Pipe Mode
(Figure 2-39) reads of the flash memory block interface.
Figure 2-38 • Read Waveform (Non-Pipe Mode, 32-bit access)
Figure 2-39 • Read Waveform (Pipe Mode, 32-bit access)
CLK
REN
ADDR[17:0]
DATAWIDTH[1:0]
BUSY
STATUS[1:0]
RD[31:0]
A0
A1
A2
A3
A4
0
S0S1S2
S4
0D0
D1
D2
0
D3
0
S3
D4
0
A0
A1
A2
A3
A4
0S0
S1
S2
D2
S4
0
0
D0
D1
D4
X0
CLK
REN
ADDR[17:0]
DATAWIDTH[1:0]
BUSY
STATUS[1:0]
RD[31:0]
S3
0
D3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com