Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS090 Datasheet(PDF) 243 Page - Microsemi Corporation

Part # AFS090
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS090 Datasheet(HTML) 243 Page - Microsemi Corporation

Back Button AFS090 Datasheet HTML 239Page - Microsemi Corporation AFS090 Datasheet HTML 240Page - Microsemi Corporation AFS090 Datasheet HTML 241Page - Microsemi Corporation AFS090 Datasheet HTML 242Page - Microsemi Corporation AFS090 Datasheet HTML 243Page - Microsemi Corporation AFS090 Datasheet HTML 244Page - Microsemi Corporation AFS090 Datasheet HTML 245Page - Microsemi Corporation AFS090 Datasheet HTML 246Page - Microsemi Corporation AFS090 Datasheet HTML 247Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 334 page
background image
Fusion Family of Mixed Signal FPGAs
R e visio n 2
2 - 227
VAREF
Analog Reference Voltage
The Fusion device can be configured to generate a 2.56 V internal reference voltage that can be used by
the ADC. While using the internal reference, the reference voltage is output on the VAREF pin for use as
a system reference. If a different reference voltage is required, it can be supplied by an external source
and applied to this pin. The valid range of values that can be supplied to the ADC is 1.0 V to 3.3 V. When
VAREF is internally generated by the Fusion device, a bypass capacitor must be connected from this pin
to ground. The value of the bypass capacitor should be between 3.3 µF and 22 µF, which is based on the
needs of the individual designs. The choice of the capacitor value has an impact on the settling time it
takes the VAREF signal to reach the required specification of 2.56 V to initiate valid conversions by the
ADC. If the lower capacitor value is chosen, the settling time required for VAREF to achieve 2.56 V will
be shorter than when selecting the larger capacitor value. The above range of capacitor values supports
the accuracy specification of the ADC, which is detailed in the datasheet. Designers choosing the smaller
capacitor value will not obtain as much margin in the accuracy as that achieved with a larger capacitor
value. Depending on the capacitor value selected in the Analog System Builder, a tool in Libero IDE, an
automatic delay circuit will be generated using logic tiles available within the FPGA to ensure that VAREF
has achieved the 2.56 V value. Microsemi recommends customers use 10 µF as the value of the bypass
capacitor. Designers choosing to use an external VAREF need to ensure that a stable and clean VAREF
source is supplied to the VAREF pin before initiating conversions by the ADC. Designers should also
make sure that the ADCRESET signal is deasserted before initiating valid conversions.2
User Pins
I/O
User Input/Output
The I/O pin functions as an input, output, tristate, or bidirectional buffer. Input and output signal levels are
compatible with the I/O standard selected. Unused I/O pins are configured as inputs with pull-up
resistors.
During programming, I/Os become tristated and weakly pulled up to VCCI. With the VCCI and VCC
supplies continuously powered up, when the device transitions from programming to operating mode, the
I/Os get instantly configured to the desired user configuration.
Unused I/Os are configured as follows:
•
Output buffer is disabled (with tristate value of high impedance)
•
Input buffer is disabled (with tristate value of high impedance)
•
Weak pull-up is programmed
Axy
Analog Input/Output
Analog I/O pin, where x is the analog pad type (C = current pad, G = Gate driver pad, T = Temperature
pad, V = Voltage pad) and y is the Analog Quad number (0 to 9). There is a minimum 1 M
Ω to ground on
AV, AC, and AT. This pin can be left floating when it is unused.
ATRTNx
Temperature Monitor Return
AT returns
are the returns for the temperature sensors. The cathode terminal of the external diodes
should be connected to these pins. There is one analog return pin for every two Analog Quads. The x in
the ATRTNx designator indicates the quad pairing (x = 0 for AQ1 and AQ2, x = 1 for AQ2 and AQ3, ...,
x
= 4 for AQ8 and AQ9). The signals that drive these pins are called out as ATRETURNxy in the software
(where x and y refer to the quads that share the return signal). ATRTN is internally connected to ground.
It can be left floating when it is unused. The maximum capacitance allowed across the AT pins is 500 pF.
GL
Globals
GL I/Os have access to certain clock conditioning circuitry (and the PLL) and/or have direct access to the
global network (spines). Additionally, the global I/Os can be used as Pro I/Os since they have identical
capabilities. Unused GL pins are configured as inputs with pull-up resistors. See more detailed
descriptions of global I/O connectivity in the "Clock Conditioning Circuits" section on page 2-23.
2. The ADC is functional with an external reference down to 1V, however to meet the performance parameters highlighted in the
datasheet refer to the VAREF specification in Table 3-2 on page 3-3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com