Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS090 Datasheet(PDF) 263 Page - Microsemi Corporation

Part # AFS090
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS090 Datasheet(HTML) 263 Page - Microsemi Corporation

Back Button AFS090 Datasheet HTML 259Page - Microsemi Corporation AFS090 Datasheet HTML 260Page - Microsemi Corporation AFS090 Datasheet HTML 261Page - Microsemi Corporation AFS090 Datasheet HTML 262Page - Microsemi Corporation AFS090 Datasheet HTML 263Page - Microsemi Corporation AFS090 Datasheet HTML 264Page - Microsemi Corporation AFS090 Datasheet HTML 265Page - Microsemi Corporation AFS090 Datasheet HTML 266Page - Microsemi Corporation AFS090 Datasheet HTML 267Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 334 page
background image
Fusion Family of Mixed Signal FPGAs
R e visio n 2
3 - 13
IPP
Programming supply
current
Non-programming mode,
VPUMP = 3.63 V
TJ =25°C
36
80
µA
TJ =85°C
36
80
µA
TJ = 100°C
36
80
µA
Standby mode5 or Sleep
mode6, VPUMP = 0 V
00
µA
ICCNVM
Embedded NVM current
Reset asserted,
VCCNVM = 1.575 V
TJ =25°C
22
80
µA
TJ =85°C
24
80
µA
TJ = 100°C
25
80
µA
ICCPLL
1.5 V PLL quiescent current Operational standby,
VCCPLL = 1.575 V
TJ = 25°C
130
200
µA
TJ = 85°C
130
200
µA
TJ = 100°C
130
200
µA
Table 3-9 • AFS600 Quiescent Supply Current Characteristics (continued)
Parameter
Description
Conditions
Temp.
Min
Typ
Max
Unit
Notes:
1. ICC is the 1.5 V power supplies, ICC and ICC15A.
2. ICC33A includes ICC33A, ICC33PMP, and ICCOSC.
3. ICCI includes all ICCI0, ICCI1, ICCI2, and ICCI4.
4. Operational standby is when the Fusion device is powered up, all blocks are used, no I/O is toggling, Voltage Regulator is
loaded with 200 mA, VCC33PMP is ON, XTAL is ON, and ADC is ON.
5. XTAL is configured as high gain, VCC = VJTAG = VPUMP = 0 V.
6. Sleep Mode, VCC = VJTAG = VPUMP = 0 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com