Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS090 Datasheet(PDF) 278 Page - Microsemi Corporation

Part # AFS090
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS090 Datasheet(HTML) 278 Page - Microsemi Corporation

Back Button AFS090 Datasheet HTML 274Page - Microsemi Corporation AFS090 Datasheet HTML 275Page - Microsemi Corporation AFS090 Datasheet HTML 276Page - Microsemi Corporation AFS090 Datasheet HTML 277Page - Microsemi Corporation AFS090 Datasheet HTML 278Page - Microsemi Corporation AFS090 Datasheet HTML 279Page - Microsemi Corporation AFS090 Datasheet HTML 280Page - Microsemi Corporation AFS090 Datasheet HTML 281Page - Microsemi Corporation AFS090 Datasheet HTML 282Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 334 page
background image
DC and Power Characteristics
3- 28
R e visio n 2
Example of Power Calculation
This example considers a shift register with 5,000 storage tiles, including a counter and memory that
stores analog information. The shift register is clocked at 50 MHz and stores and reads information from
a RAM.
The device used is a commercial AFS600 device operating in typical conditions.
The calculation below uses the power calculation methodology previously presented and shows how to
determine the dynamic and static power consumption of resources used in the application.
Also included in the example is the calculation of power consumption in operating, standby, and sleep
modes to illustrate the benefit of power-saving modes.
Global Clock Contribution—PCLOCK
FCLK = 50 MHz
Number of sequential VersaTiles: NS-CELL = 5,000
Estimated number of Spines: NSPINES = 5
Estimated number of Rows: NROW = 313
Operating Mode
PCLOCK = (PAC1 + NSPINE * PAC2 + NROW * PAC3 + NS-CELL * PAC4) * FCLK
PCLOCK = (0.0128 + 5 * 0.0019 + 313 * 0.00081 + 5,000 * 0.00011) * 50
PCLOCK = 41.28 mW
Standby Mode and Sleep Mode
PCLOCK = 0 W
Logic—Sequential Cells, Combinational Cells, and Routing Net Contributions—PS-CELL,
PC-CELL, and PNET
FCLK = 50 MHz
Number of sequential VersaTiles: NS-CELL = 5,000
Number of combinatorial VersaTiles: NC-CELL = 6,000
Estimated toggle rate of VersaTile outputs:
α
1 = 0.1 (10%)
Operating Mode
PS-CELL = NS-CELL * (PAC5+ (α1 / 2) * PAC6) * FCLK
PS-CELL = 5,000 * (0.00007 + (0.1 / 2) * 0.00029) * 50
PS-CELL = 21.13 mW
PC-CELL = NC-CELL* (α1 / 2) * PAC7 * FCLK
PC-CELL = 6,000 * (0.1 / 2) * 0.00029 * 50
PC-CELL = 4.35 mW
PNET = (NS-CELL + NC-CELL) * (α1 / 2) * PAC8 * FCLK
PNET = (5,000 + 6,000) * (0.1 / 2) * 0.0007 * 50
PNET = 19.25 mW
PLOGIC = PS-CELL + PC-CELL + PNET
PLOGIC = 21.13 mW + 4.35 mW + 19.25 mW
PLOGIC = 44.73 mW
Standby Mode and Sleep Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com