Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS090 Datasheet(PDF) 287 Page - Microsemi Corporation

Part # AFS090
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS090 Datasheet(HTML) 287 Page - Microsemi Corporation

Back Button AFS090 Datasheet HTML 283Page - Microsemi Corporation AFS090 Datasheet HTML 284Page - Microsemi Corporation AFS090 Datasheet HTML 285Page - Microsemi Corporation AFS090 Datasheet HTML 286Page - Microsemi Corporation AFS090 Datasheet HTML 287Page - Microsemi Corporation AFS090 Datasheet HTML 288Page - Microsemi Corporation AFS090 Datasheet HTML 289Page - Microsemi Corporation AFS090 Datasheet HTML 290Page - Microsemi Corporation AFS090 Datasheet HTML 291Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 334 page
background image
Fusion Family of Mixed Signal FPGAs
R e visio n 2
4 -5
B9
XTAL2
XTAL2
B10
GEA0/IO44NDB3V0 GFA0/IO66NDB3V0
B11
GEB2/IO42PDB3V0
IO60NDB3V0
B12
VCC
VCC
B13
VCCNVM
VCCNVM
B14
VCC15A
VCC15A
B15
NCAP
NCAP
B16
VCC33N
VCC33N
B17
GNDAQ
GNDAQ
B18
AC0
AC0
B19
AT0
AT0
B20
AT1
AT1
B21
AV1
AV1
B22
AC2
AC2
B23
ATRTN1
ATRTN1
B24
AG3
AG3
B25
AV3
AV3
B26
AG4
AG4
B27
ATRTN2
ATRTN2
B28
NC
AC5
B29
VCC33A
VCC33A
B30
VAREF
VAREF
B31
PUB
PUB
B32
PTEM
PTEM
B33
GNDNVM
GNDNVM
B34
VCC
VCC
B35
TCK
TCK
B36
TMS
TMS
B37
TRST
TRST
B38
GDB2/IO41PSB1V0 GDA2/IO55PSB1V0
B39
GDC0/IO38NDB1V0 GDB0/IO53NDB1V0
B40
VCCIB1
VCCIB1
B41
GCA1/IO36PDB1V0 GCA1/IO49PDB1V0
B42
GCC0/IO34NDB1V0 GCC0/IO47NDB1V0
B43
GCB2/IO33PSB1V0 GBC2/IO42PSB1V0
B44
VCC
VCC
QN180
Pin Number
AFS090 Function
AFS250 Function
B45
GBA2/IO31PDB1V0 GBA2/IO40PDB1V0
B46
GNDQ
GNDQ
B47
GBA1/IO30RSB0V0 GBA0/IO38RSB0V0
B48
GBB1/IO28RSB0V0 GBC1/IO35RSB0V0
B49
VCC
VCC
B50
GBC0/IO25RSB0V0
IO31RSB0V0
B51
IO23RSB0V0
IO28RSB0V0
B52
IO20RSB0V0
IO25RSB0V0
B53
VCC
VCC
B54
IO11RSB0V0
IO14RSB0V0
B55
IO08RSB0V0
IO11RSB0V0
B56
GAC1/IO05RSB0V0
IO08RSB0V0
B57
VCCIB0
VCCIB0
B58
GAB0/IO02RSB0V0 GAC0/IO04RSB0V0
B59
GAA0/IO00RSB0V0 GAA1/IO01RSB0V0
B60
VCCPLA
VCCPLA
C1
NC
NC
C2
NC
VCCIB3
C3
GND
GND
C4
NC
GFC2/IO69PPB3V0
C5
GFC1/IO49PDB3V0 GFC1/IO68PDB3V0
C6
GFA0/IO47NPB3V0 GFB0/IO67NPB3V0
C7
VCCIB3
NC
C8
GND
GND
C9
GEA1/IO44PDB3V0 GFA1/IO66PDB3V0
C10
GEA2/IO42NDB3V0 GEC2/IO60PDB3V0
C11
NC
GEA2/IO58PSB3V0
C12
NC
NC
C13
GND
GND
C14
NC
NC
C15
NC
NC
C16
GNDA
GNDA
C17
NC
NC
C18
NC
NC
C19
NC
NC
C20
NC
NC
QN180
Pin Number
AFS090 Function
AFS250 Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com