Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS090 Datasheet(PDF) 303 Page - Microsemi Corporation

Part # AFS090
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS090 Datasheet(HTML) 303 Page - Microsemi Corporation

Back Button AFS090 Datasheet HTML 299Page - Microsemi Corporation AFS090 Datasheet HTML 300Page - Microsemi Corporation AFS090 Datasheet HTML 301Page - Microsemi Corporation AFS090 Datasheet HTML 302Page - Microsemi Corporation AFS090 Datasheet HTML 303Page - Microsemi Corporation AFS090 Datasheet HTML 304Page - Microsemi Corporation AFS090 Datasheet HTML 305Page - Microsemi Corporation AFS090 Datasheet HTML 306Page - Microsemi Corporation AFS090 Datasheet HTML 307Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 303 / 334 page
background image
Fusion Family of Mixed Signal FPGAs
R e visio n 2
4 - 21
B5
IO05NDB0V0
IO04NDB0V0
B6
IO05PDB0V0
IO04PDB0V0
B7
GND
GND
B8
IO10NDB0V1
IO09NDB0V1
B9
IO13PDB0V1
IO11PDB0V1
B10
GND
GND
B11
IO17NDB1V0
IO24NDB1V0
B12
IO18NDB1V0
IO26NDB1V0
B13
GND
GND
B14
IO21NDB1V0
IO31NDB1V1
B15
IO21PDB1V0
IO31PDB1V1
B16
GND
GND
B17
GBC1/IO26PDB1V1
GBC1/IO40PDB1V2
B18
GBA1/IO28PDB1V1
GBA1/IO42PDB1V2
B19
GND
GND
B20
VCCPLB
VCCPLB
B21
GND
GND
B22
VCC
NC
C1
IO82PDB4V0
IO121PDB4V0
C2
NC
IO122PSB4V0
C3
IO00NDB0V0
IO00NDB0V0
C4
IO00PDB0V0
IO00PDB0V0
C5
VCCIB0
VCCIB0
C6
IO06NDB0V0
IO05NDB0V1
C7
IO06PDB0V0
IO05PDB0V1
C8
VCCIB0
VCCIB0
C9
IO13NDB0V1
IO11NDB0V1
C10
IO11PDB0V1
IO14PDB0V2
C11
VCCIB0
VCCIB0
C12
VCCIB1
VCCIB1
C13
IO20NDB1V0
IO29NDB1V1
C14
IO20PDB1V0
IO29PDB1V1
C15
VCCIB1
VCCIB1
C16
IO25NDB1V1
IO37NDB1V2
C17
GBB0/IO27NDB1V1
GBB0/IO41NDB1V2
FG484
Pin
Number
AFS600 Function
AFS1500 Function
C18
VCCIB1
VCCIB1
C19
VCOMPLB
VCOMPLB
C20
GBA2/IO30PDB2V0
GBA2/IO44PDB2V0
C21
NC
IO48PSB2V0
C22
GBB2/IO31PDB2V0
GBB2/IO45PDB2V0
D1
IO82NDB4V0
IO121NDB4V0
D2
GND
GND
D3
IO83NDB4V0
IO123NDB4V0
D4
GAC2/IO83PDB4V0 GAC2/IO123PDB4V0
D5
GAA2/IO85PDB4V0 GAA2/IO125PDB4V0
D6
GAC0/IO03NDB0V0 GAC0/IO03NDB0V0
D7
GAC1/IO03PDB0V0
GAC1/IO03PDB0V0
D8
IO09NDB0V1
IO10NDB0V1
D9
IO09PDB0V1
IO10PDB0V1
D10
IO11NDB0V1
IO14NDB0V2
D11
IO16NDB1V0
IO23NDB1V0
D12
IO16PDB1V0
IO23PDB1V0
D13
NC
IO32NPB1V1
D14
IO23NDB1V1
IO34NDB1V1
D15
IO23PDB1V1
IO34PDB1V1
D16
IO25PDB1V1
IO37PDB1V2
D17
GBB1/IO27PDB1V1
GBB1/IO41PDB1V2
D18
VCCIB2
VCCIB2
D19
NC
IO47PPB2V0
D20
IO30NDB2V0
IO44NDB2V0
D21
GND
GND
D22
IO31NDB2V0
IO45NDB2V0
E1
IO81NDB4V0
IO120NDB4V0
E2
IO81PDB4V0
IO120PDB4V0
E3
VCCIB4
VCCIB4
E4
GAB2/IO84PDB4V0 GAB2/IO124PDB4V0
E5
IO85NDB4V0
IO125NDB4V0
E6
GND
GND
E7
VCCIB0
VCCIB0
E8
NC
IO08NDB0V1
FG484
Pin
Number
AFS600 Function
AFS1500 Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com