Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS090 Datasheet(PDF) 113 Page - Microsemi Corporation

Part # AFS090
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS090 Datasheet(HTML) 113 Page - Microsemi Corporation

Back Button AFS090 Datasheet HTML 109Page - Microsemi Corporation AFS090 Datasheet HTML 110Page - Microsemi Corporation AFS090 Datasheet HTML 111Page - Microsemi Corporation AFS090 Datasheet HTML 112Page - Microsemi Corporation AFS090 Datasheet HTML 113Page - Microsemi Corporation AFS090 Datasheet HTML 114Page - Microsemi Corporation AFS090 Datasheet HTML 115Page - Microsemi Corporation AFS090 Datasheet HTML 116Page - Microsemi Corporation AFS090 Datasheet HTML 117Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 334 page
background image
Fusion Family of Mixed Signal FPGAs
R e visio n 2
2 - 97
Terminology
Resolution
Resolution defines the smallest temperature change Fusion Temperature Monitor can resolve. For ADC
configured as 8-bit mode, each LSB represents 4°C, and 1°C per LSB for 10-bit mode. With 12-bit mode,
the Temperature Monitor can still only resolve 1°C due to Temperature Monitor design.
Offset
The Fusion Temperature Monitor has a systematic offset of +5°C, excluding error due board resistance
and ideality factor of the external diode, between the operation range of –40°C to +85°C. For instance,
25°C will be read by the Temperature Monitor as 30°C plus error. The user can remove any offset error
through hardware or software during the calibration routine.
The Fusion Temperature Monitor has a systematic offset (Table 2-49 on page 2-119), excluding error due
to board resistance and ideality factor of the external diode. Microsemi provides an IP block (CalibIP) that
is required in order to mitigate the systematic temperature offset. For further details on CalibIP, refer to
the "
Temperature, Voltage, and Current Calibration in Fusion FPGAs" chapter of the Fusion
FPGA Fabric User's Guide
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com