Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS090 Datasheet(PDF) 152 Page - Microsemi Corporation

Part # AFS090
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS090 Datasheet(HTML) 152 Page - Microsemi Corporation

Back Button AFS090 Datasheet HTML 148Page - Microsemi Corporation AFS090 Datasheet HTML 149Page - Microsemi Corporation AFS090 Datasheet HTML 150Page - Microsemi Corporation AFS090 Datasheet HTML 151Page - Microsemi Corporation AFS090 Datasheet HTML 152Page - Microsemi Corporation AFS090 Datasheet HTML 153Page - Microsemi Corporation AFS090 Datasheet HTML 154Page - Microsemi Corporation AFS090 Datasheet HTML 155Page - Microsemi Corporation AFS090 Datasheet HTML 156Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 334 page
background image
Device Architecture
2- 13 6
R e v isio n 2
Table 2-68 • I/O Bank Support by Device
I/O Bank
AFS090
AFS250
AFS600
AFS1500
Standard I/O
N
N
–
–
Advanced I/O
E, W
E, W
E, W
E, W
Pro I/O
–
–
N
N
Analog Quad
SSSS
Note:
E = East side of the device
W = West side of the device
N = North side of the device
S = South side of the device
Table 2-69 • Fusion VCCI Voltages and Compatible Standards
VCCI (typical)
Compatible Standards
3.3 V
LVTTL/LVCMOS 3.3, PCI 3.3, SSTL3 (Class I and II),* GTL+ 3.3, GTL 3.3,* LVPECL
2.5 V
LVCMOS 2.5, LVCMOS 2.5/5.0, SSTL2 (Class I and II),* GTL+ 2.5,* GTL 2.5,* LVDS, BLVDS, M-
LVDS
1.8 V
LVCMOS 1.8
1.5 V
LVCMOS 1.5, HSTL (Class I),* HSTL (Class II)*
Note:
*I/O standard supported by Pro I/O banks.
Table 2-70 • Fusion VREF Voltages and Compatible Standards*
VREF (typical)
Compatible Standards
1.5 V
SSTL3 (Class I and II)
1.25 V
SSTL2 (Class I and II)
1.0 V
GTL+ 2.5, GTL+ 3.3
0.8 V
GTL 2.5, GTL 3.3
0.75 V
HSTL (Class I), HSTL (Class II)
Note:
*I/O standards supported by Pro I/O banks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com