Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS600 Datasheet(PDF) 106 Page - Microsemi Corporation

Part # AFS600
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS600 Datasheet(HTML) 106 Page - Microsemi Corporation

Back Button AFS600 Datasheet HTML 102Page - Microsemi Corporation AFS600 Datasheet HTML 103Page - Microsemi Corporation AFS600 Datasheet HTML 104Page - Microsemi Corporation AFS600 Datasheet HTML 105Page - Microsemi Corporation AFS600 Datasheet HTML 106Page - Microsemi Corporation AFS600 Datasheet HTML 107Page - Microsemi Corporation AFS600 Datasheet HTML 108Page - Microsemi Corporation AFS600 Datasheet HTML 109Page - Microsemi Corporation AFS600 Datasheet HTML 110Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 334 page
background image
Device Architecture
2- 90
R e visio n 2
Care must be taken when choosing the right resistor for current measurement application. Note that
because of the 10× amplification, the maximum measurable difference between the AV and AC pads is
VAREF / 10. A larger AV-to-AC voltage drop will result in ADC saturation; that is, the digital code put out by
the ADC will stay fixed at the full scale value. Therefore, the user must select the external sense resistor
appropriately. Table 2-38 shows recommended resistor values for different current measurement ranges.
When choosing resistor values for a system, there is a trade-off between measurement accuracy and
power consumption. Choosing a large resistor will increase the voltage drop and hence increase
accuracy of the measurement; however the larger voltage drop dissipates more power (P = I2 × R).
The Current Monitor is a unipolar system, meaning that the differential voltage swing must be from 0 V to
VAREF/10. Therefore, the Current Monitor only supports differential voltage where |VAV-VAC| is greater
than 0 V. This results in the requirement that the potential of the AV pad must be larger than the potential
of the AC pad. This is straightforward for positive voltage systems. For a negative voltage system, it
means that the AV pad must be "more negative" than the AC pad. This is shown in Figure 2-71.
In this case, both the AV pad and the AC pad are configured for negative operations and the output of the
differential amplifier still falls between 0 V and VAREF as required.
Figure 2-70 • Positive Current Monitor
0-12 V
RSENSE
I
ACx
AVx
CMSTBx
10 X
Current Monitor
VADC to Analog MUX
(refer Table 2-36
for MUX channel
number)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com