Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS600 Datasheet(PDF) 110 Page - Microsemi Corporation

Part # AFS600
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS600 Datasheet(HTML) 110 Page - Microsemi Corporation

Back Button AFS600 Datasheet HTML 106Page - Microsemi Corporation AFS600 Datasheet HTML 107Page - Microsemi Corporation AFS600 Datasheet HTML 108Page - Microsemi Corporation AFS600 Datasheet HTML 109Page - Microsemi Corporation AFS600 Datasheet HTML 110Page - Microsemi Corporation AFS600 Datasheet HTML 111Page - Microsemi Corporation AFS600 Datasheet HTML 112Page - Microsemi Corporation AFS600 Datasheet HTML 113Page - Microsemi Corporation AFS600 Datasheet HTML 114Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 334 page
background image
Device Architecture
2- 94
R e visio n 2
Temperature Monitor
The final pin in the Analog Quad is the Analog Temperature (AT) pin. The AT pin is used to implement an
accurate temperature monitor in conjunction with an external diode-connected bipolar transistor
(Figure 2-74). For improved temperature measurement accuracy, it is important to use the ATRTN pin for
the return path of the current sourced by the AT pin. Each ATRTN pin is shared between two adjacent
Analog Quads. Additionally, if not used for temperature monitoring, the AT pin can provide functionality
similar to that of the AV pad. However, in this mode only positive voltages can be applied to the AT pin,
and only two prescaler factors are available (16 V and 4 V ranges—refer to Table 2-57 on page 2-132).
Figure 2-74 • Temperature Monitor Quad
Analog Quad
AV
AC
AT
Voltage
Monitor Block
Current
Monitor Block
AG
Digital
Input
Power
MOSFET
Gate Driver
Current
Monitor / Instr
Amplifier
Temperature
Monitor
Digital
Input
Digital
Input
Pads
To Analog MUX
To Analog MUX
To Analog MUX
To FPGA
(DAVOUTx)
To FPGA
(DACOUTx)
To FPGA
(DATOUTx)
On-Chip
Gate
Driver
Temperature
Monitor Block
Off-Chip
From FPGA
(GDONx)
Prescaler
Prescaler
Prescaler
ATRTN
Discrete
Bipolar
Transistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com