Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS600 Datasheet(PDF) 111 Page - Microsemi Corporation

Part # AFS600
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS600 Datasheet(HTML) 111 Page - Microsemi Corporation

Back Button AFS600 Datasheet HTML 107Page - Microsemi Corporation AFS600 Datasheet HTML 108Page - Microsemi Corporation AFS600 Datasheet HTML 109Page - Microsemi Corporation AFS600 Datasheet HTML 110Page - Microsemi Corporation AFS600 Datasheet HTML 111Page - Microsemi Corporation AFS600 Datasheet HTML 112Page - Microsemi Corporation AFS600 Datasheet HTML 113Page - Microsemi Corporation AFS600 Datasheet HTML 114Page - Microsemi Corporation AFS600 Datasheet HTML 115Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 334 page
background image
Fusion Family of Mixed Signal FPGAs
R e visio n 2
2 - 95
Fusion uses a remote diode as a temperature sensor. The Fusion Temperature Monitor uses a
differential input; the AT pin and ATRTN (AT Return) pin are the differential inputs to the Temperature
Monitor. There is one Temperature Monitor in each Quad. A simplified block diagram is shown in
Figure 2-75.
The Fusion approach to measuring temperature is forcing two different currents through the diode with a
ratio of 10:1. The switch that controls the different currents is controlled by the Temperature Monitor
Strobe signal, TMSTB. Setting TMSTB to '1' will initiate a Temperature reading. The TMSTB should
remain '1' until the ADC finishes sampling the voltage from the Temperature Monitor. The minimum
sample time for the Temperature Monitor cannot be less than the minimum strobe high time minus the
setup time. Figure 2-76 shows the timing diagram.
Note: When the IEEE 1149.1 Boundary Scan EXTEST instruction is executed, the AG pad drive
strength ceases and becomes a 1 µA sink into the Fusion device.
Figure 2-75 • Block Diagram for Temperature Monitor Circuit
Figure 2-76 • Timing Diagram for the Temperature Monitor Strobe Signal
TMSTBx
VDD33A
ATRTNxy
ATx
12.5 X
∆V
to Analog MUX
(refer Table 2-36
for MUX Channel
Number)
VADC
100 μA
10 μA
+
–
+
–
VADC
TMSTBx
ADC should start
sampling at this point
ADCSTART
tTMSLO
tTMSHI
tTMSSET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com