Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS600 Datasheet(PDF) 115 Page - Microsemi Corporation

Part # AFS600
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS600 Datasheet(HTML) 115 Page - Microsemi Corporation

Back Button AFS600 Datasheet HTML 111Page - Microsemi Corporation AFS600 Datasheet HTML 112Page - Microsemi Corporation AFS600 Datasheet HTML 113Page - Microsemi Corporation AFS600 Datasheet HTML 114Page - Microsemi Corporation AFS600 Datasheet HTML 115Page - Microsemi Corporation AFS600 Datasheet HTML 116Page - Microsemi Corporation AFS600 Datasheet HTML 117Page - Microsemi Corporation AFS600 Datasheet HTML 118Page - Microsemi Corporation AFS600 Datasheet HTML 119Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 334 page
background image
Fusion Family of Mixed Signal FPGAs
R e visio n 2
2 - 99
ADC Description
The Fusion ADC is a 12-bit SAR ADC. It offers a wide variety of features for different use models.
Figure 2-78 shows a block diagram of the Fusion ADC.
•
Configurable resolution: 8-bit, 10-bit, and 12-bit mode
•
DNL: 0.6 LSB for 10-bit mode
•
INL: 0.4 LSB for 10-bit mode
•
No missing code
•
Internal VAREF = 2.56 V
•
Maximum Sample Rate = 600 Ksps
•
Power-up calibration and dynamic calibration after every sample to compensate for temperature
drift over time
ADC Theory of Operation
An analog-to-digital converter is used to capture discrete samples of a continuous analog voltage and
provide a discrete binary representation of the signal. Analog-to-digital converters are generally
characterized in three ways:
•
Input voltage range
•
Resolution
•
Bandwidth or conversion rate
The input voltage range of an ADC is determined by its reference voltage (VREF). Fusion devices
include an internal 2.56 V reference, or the user can supply an external reference of up to 3.3 V. The
following examples use the internal 2.56 V reference, so the full-scale input range of the ADC is 0 to
2.56 V.
The resolution (LSB) of the ADC is a function of the number of binary bits in the converter. The ADC
approximates the value of the input voltage using 2n steps, where n is the number of bits in the converter.
Each step therefore represents VREF÷ 2n volts. In the case of the Fusion ADC configured for 12-bit
operation, the LSB is 2.56 V / 4096 = 0.625 mV.
Finally, bandwidth is an indication of the maximum number of conversions the ADC can perform each
second. The bandwidth of an ADC is constrained by its architecture and several key performance
characteristics.
Figure 2-78 • ADC Simplified Block Diagram
TVC
SYSCLK
ADCCLK
Signals from
Analog Quads
CHNUMBER
SAR ADC
STC
MODE
RESULT
DATAVALID
BUSY
STATUS
SAMPLE
CALIBRATE
VAREF
Analog
MUX
32
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com