Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS600 Datasheet(PDF) 112 Page - Microsemi Corporation

Part # AFS600
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS600 Datasheet(HTML) 112 Page - Microsemi Corporation

Back Button AFS600 Datasheet HTML 108Page - Microsemi Corporation AFS600 Datasheet HTML 109Page - Microsemi Corporation AFS600 Datasheet HTML 110Page - Microsemi Corporation AFS600 Datasheet HTML 111Page - Microsemi Corporation AFS600 Datasheet HTML 112Page - Microsemi Corporation AFS600 Datasheet HTML 113Page - Microsemi Corporation AFS600 Datasheet HTML 114Page - Microsemi Corporation AFS600 Datasheet HTML 115Page - Microsemi Corporation AFS600 Datasheet HTML 116Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 334 page
background image
Device Architecture
2- 96
R e visio n 2
The diode’s voltage is measured at each current level and the temperature is calculated based on EQ 7.
EQ 7
where
ITMSLO is the current when the Temperature Strobe is Low, typically 100 µA
ITMSHI is the current when the Temperature Strobe is High, typically 10 µA
VTMSLO is diode voltage while Temperature Strobe is Low
VTMSHI is diode voltage while Temperature Strobe is High
n
is the non-ideality factor of the diode-connected transistor. It is typically 1.004 for the Microsemi-
recommended transistor type 2N3904.
K
= 1.3806 x 10-23 J/K is the Boltzman constant
Q
= 1.602 x 10-19 C is the charge of a proton
When I
TMSLO / ITMSHI = 10, the equation can be simplified as shown in EQ 8.
EQ 8
In the Fusion TMB, the ideality factor n for 2N3904 is 1.004 and
ΔV is amplified 12.5 times by an internal
amplifier; hence the voltage before entering the ADC is as given in EQ 9.
EQ 9
This means the temperature to voltage relationship is 2.5 mV per degree Kelvin. The unique design of
Fusion has made the Temperature Monitor System simple for the user. When the 10-bit mode ADC is
used, each LSB represents 1 degree Kelvin, as shown in EQ 10. That is, e. 25°C is equal to 293°K and is
represented by decimal 293 counts from the ADC.
EQ 10
If 8-bit mode is used for the ADC resolution, each LSB represents 4 degrees Kelvin; however, the
resolution remains as 1 degree Kelvin per LSB, even for 12-bit mode, due to the Temperature Monitor
design. An example of the temperature data format for 10-bit mode is shown in Table 2-38.
Table 2-38 • Temperature Data Format
Temperature
Temperature (K)
Digital Output
(ADC 10-bit mode)
–40°C
233
00 1110 1001
–20°C
253
00 1111 1101
0°C
273
01 0001 0001
1°C
274
01 0001 0010
10 °C
283
01 0001 1011
25°C
298
01 0010 1010
50 °C
323
01 0100 0011
85 °C
358
01 0110 0110
VTMSLO VTMSHI
–
n
kT
q
-------
ln
ITMSLO
ITMSHI
-----------------
⎝⎠
⎛⎞
=
ΔVV
TMSLO
VTMSHI
–
1.986 10
4
–
×
nT
==
V
ADC
ΔV 12.5
×
2.5 mV KT
×
()
⁄
==
1K
2.5 mV
2
10
2.56 V
-----------------
×
1 LSB
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com