Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS600 Datasheet(PDF) 154 Page - Microsemi Corporation

Part # AFS600
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS600 Datasheet(HTML) 154 Page - Microsemi Corporation

Back Button AFS600 Datasheet HTML 150Page - Microsemi Corporation AFS600 Datasheet HTML 151Page - Microsemi Corporation AFS600 Datasheet HTML 152Page - Microsemi Corporation AFS600 Datasheet HTML 153Page - Microsemi Corporation AFS600 Datasheet HTML 154Page - Microsemi Corporation AFS600 Datasheet HTML 155Page - Microsemi Corporation AFS600 Datasheet HTML 156Page - Microsemi Corporation AFS600 Datasheet HTML 157Page - Microsemi Corporation AFS600 Datasheet HTML 158Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 334 page
background image
Device Architecture
2- 13 8
R e v isio n 2
Features Supported on Pro I/Os
Table 2-72 lists all features supported by transmitter/receiver for single-ended and differential I/Os.
Table 2-72 • Fusion Pro I/O Features
Feature
Description
Single-ended
and
voltage-
referenced transmitter
features
•
Hot insertion in every mode except PCI or 5 V input tolerant (these modes use
clamp diodes and do not allow hot insertion)
•
Activation of hot insertion (disabling the clamp diode) is selectable by I/Os.
•
Weak pull-up and pull-down
•
Two slew rates
•
Skew between output buffer enable/disable time: 2 ns delay (rising edge) and
0 ns delay (falling edge); see "Selectable Skew between Output Buffer
Enable/Disable Time" on page 2-151 for more information
•
Five drive strengths
•
5 V–tolerant receiver ("5 V Input Tolerance" section on page 2-146)
•
LVTTL/LVCMOS 3.3 V outputs compatible with 5 V TTL inputs ("5 V Output
Tolerance" section on page 2-150)
•
High performance (Table 2-76 on page 2-145)
Single-ended receiver features
•
Schmitt trigger option
•
ESD protection
•
Programmable delay: 0 ns if bypassed, 0.625 ns with '000' setting, 6.575 ns
with '111' setting, 0.85-ns intermediate delay increments (at 25°C, 1.5 V)
•
High performance (Table 2-76 on page 2-145)
•
Separate ground planes, GND/GNDQ, for input buffers only to avoid output-
induced noise in the input circuitry
Voltage-referenced
differential
receiver features
•
Programmable Delay: 0 ns if bypassed, 0.625 ns with '000' setting, 6.575 ns
with '111' setting, 0.85-ns intermediate delay increments (at 25°C, 1.5 V)
•
High performance (Table 2-76 on page 2-145)
•
Separate ground planes, GND/GNDQ, for input buffers only to avoid output-
induced noise in the input circuitry
CMOS-style
LVDS,
BLVDS,
M-LVDS, or LVPECL
transmitter
•
Two I/Os and external resistors are used to provide a CMOS-style LVDS,
BLVDS, M-LVDS, or LVPECL transmitter solution.
•
Activation of hot insertion (disabling the clamp diode) is selectable by I/Os.
•
Weak pull-up and pull-down
•
Fast slew rate
LVDS/LVPECL differential
receiver features
•
ESD protection
•
High performance (Table 2-76 on page 2-145)
•
Programmable delay: 0.625 ns with '000' setting, 6.575 ns with '111' setting,
0.85-ns intermediate delay increments (at 25°C, 1.5 V)
•
Separate input buffer ground and power planes to avoid output-induced noise
in the input circuitry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com