Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS600 Datasheet(PDF) 151 Page - Microsemi Corporation

Part # AFS600
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS600 Datasheet(HTML) 151 Page - Microsemi Corporation

Back Button AFS600 Datasheet HTML 147Page - Microsemi Corporation AFS600 Datasheet HTML 148Page - Microsemi Corporation AFS600 Datasheet HTML 149Page - Microsemi Corporation AFS600 Datasheet HTML 150Page - Microsemi Corporation AFS600 Datasheet HTML 151Page - Microsemi Corporation AFS600 Datasheet HTML 152Page - Microsemi Corporation AFS600 Datasheet HTML 153Page - Microsemi Corporation AFS600 Datasheet HTML 154Page - Microsemi Corporation AFS600 Datasheet HTML 155Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 334 page
background image
Fusion Family of Mixed Signal FPGAs
R e visio n 2
2 - 135
Figure 2-97 • Fusion Pro I/O Bank Detail Showing VREF Minibanks (north side ofAFS600 and AFS1500)
Table 2-67 • I/O Standards Supported by Bank Type
I/O Bank
Single-Ended I/O Standards
Differential I/O
Standards
Voltage-Referenced
Hot-
Swap
Standard I/O
LVTTL/LVCMOS 3.3 V, LVCMOS
2.5 V / 1.8 V / 1.5 V, LVCMOS
2.5/5.0 V
––
Yes
Advanced I/O LVTTL/LVCMOS 3.3 V, LVCMOS
2.5 V / 1.8 V / 1.5 V, LVCMOS
2.5/5.0 V, 3.3 V PCI / 3.3 V PCI-
X
LVPECL
and
LVDS
––
Pro I/O
LVTTL/LVCMOS 3.3 V, LVCMOS
2.5 V / 1.8 V / 1.5 V, LVCMOS
2.5/5.0 V, 3.3 V PCI / 3.3 V PCI-
X
LVPECL
and
LVDS
GTL+ 2.5 V / 3.3 V, GTL 2.5 V / 3.3 V,
HSTL Class I and II, SSTL2 Class I
and II, SSTL3 Class I and II
Yes
Bank 1
Bank 0
I/O Pad
If needed, the VREF for a given
minibank can be provided by
any I/O within the minibank.
CCC
CCC
CCC
Up to five VREF
minibanks within
an I/O bank
VREF signal scope is
between 8 and 18 I/Os.
Common VREF
signal for all I/Os
in VREF minibanks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com