Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS600 Datasheet(PDF) 148 Page - Microsemi Corporation

Part # AFS600
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS600 Datasheet(HTML) 148 Page - Microsemi Corporation

Back Button AFS600 Datasheet HTML 144Page - Microsemi Corporation AFS600 Datasheet HTML 145Page - Microsemi Corporation AFS600 Datasheet HTML 146Page - Microsemi Corporation AFS600 Datasheet HTML 147Page - Microsemi Corporation AFS600 Datasheet HTML 148Page - Microsemi Corporation AFS600 Datasheet HTML 149Page - Microsemi Corporation AFS600 Datasheet HTML 150Page - Microsemi Corporation AFS600 Datasheet HTML 151Page - Microsemi Corporation AFS600 Datasheet HTML 152Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 334 page
background image
Device Architecture
2- 13 2
R e v isio n 2
Table 2-57 details the settings available to control the prescaler values of the AV, AC, and AT pins. Note
that the AT pin has a reduced number of available prescaler values.
Table 2-58 details the settings available to control the MUX within each of the AV, AC, and AT circuits.
This MUX determines whether the signal routed to the ADC is the direct analog input, prescaled signal,
or output of either the Current Monitor Block or the Temperature Monitor Block.
Table 2-59 details the settings available to control the Direct Analog Input switch for the AV, AC, and AT
pins.
Table 2-60 details the settings available to control the polarity of the signals coming to the AV, AC, and AT
pins. Note that the only valid setting for the AT pin is logic 0 to support positive voltages.
Table 2-57 • Prescaler Control Truth Table—AV (x = 0), AC (x = 1), and AT (x = 3)
Control Lines
Bx[2:0]
Scaling
Factor, Pad to
ADC Input
LSB for an
8-Bit
Conversion2
(mV)
LSB for a
10-Bit
Conversion2
(mV)
LSB for a
12-Bit
Conversion2
(mV)
Full-Scale
Voltage
Range
Name
000 1
0.15625
64
16
4
16.368 V
16 V
001
0.3125
32
8
2
8.184 V
8 V
010 1
0.625
16
4
1
4.092 V
4 V
011
1.25
8
2
0.5
2.046 V
2 V
100
2.5
4
1
0.25
1.023 V
1 V
101
5.0
2
0.5
0.125
0.5115 V
0.5 V
110
10.0
1
0.25
0.0625
0.25575 V
0.25 V
111
20.0
0.5
0.125
0.03125
0.127875 V
0.125 V
Notes:
1. These are the only valid ranges for the Temperature Monitor Block Prescaler.
2. LSB voltage equivalences assume VAREF = 2.56 V.
Table 2-58 • Analog Multiplexer Truth Table—AV (x = 0), AC (x = 1), and AT (x = 3)
Control Lines Bx[4]
Control Lines Bx[3]
ADC Connected To
0
0
Prescaler
0
1
Direct input
1
0
Current amplifier temperature monitor
1
1
Not valid
Table 2-59 • Direct Analog Input Switch Control Truth Table—AV (x = 0), AC (x = 1), and AT (x = 3)
Control Lines Bx[5]
Direct Input Switch
0
Off
1
On
Table 2-60 • Voltage Polarity Control Truth Table—AV (x = 0), AC (x = 1), and AT (x = 3)*
Control Lines Bx[6]
Input Signal Polarity
0
Positive
1
Negative
Note:
*The B3[6] signal for the AT pad should be kept at logic 0 to accept only positive voltages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com