Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS600 Datasheet(PDF) 145 Page - Microsemi Corporation

Part # AFS600
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS600 Datasheet(HTML) 145 Page - Microsemi Corporation

Back Button AFS600 Datasheet HTML 141Page - Microsemi Corporation AFS600 Datasheet HTML 142Page - Microsemi Corporation AFS600 Datasheet HTML 143Page - Microsemi Corporation AFS600 Datasheet HTML 144Page - Microsemi Corporation AFS600 Datasheet HTML 145Page - Microsemi Corporation AFS600 Datasheet HTML 146Page - Microsemi Corporation AFS600 Datasheet HTML 147Page - Microsemi Corporation AFS600 Datasheet HTML 148Page - Microsemi Corporation AFS600 Datasheet HTML 149Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 334 page
background image
Fusion Family of Mixed Signal FPGAs
R e visio n 2
2 - 129
ACM Characteristics1
73
MATCHREG1
Match register bits 15:8
RTC
74
MATCHREG2
Match register bits 23:16
RTC
75
MATCHREG3
Match register bits 31:24
RTC
76
MATCHREG4
Match register bits 39:32
RTC
80
MATCHBITS0
Individual match bits 7:0
RTC
81
MATCHBITS1
Individual match bits 15:8
RTC
82
MATCHBITS2
Individual match bits 23:16
RTC
83
MATCHBITS3
Individual match bits 31:24
RTC
84
MATCHBITS4
Individual match bits 39:32
RTC
88
CTRL_STAT
Control (write) / Status (read) register
bits 7:0
RTC
Note:
ACMADDR bytes 1 to 40 pertain to the Analog Quads; bytes 64 to 89 pertain to the RTC.
1. When addressing the RTC addresses (i.e., ACMADDR 64 to 89), there is no timing generator, and the rc_osc, byte_en, and
aq_wen signals have no impact.
Table 2-54 • ACM Address Decode Table for Analog Quad (continued)
ACMADDR [7:0] in
Decimal
Name
Description
Associated
Peripheral
Figure 2-95 • ACM Write Waveform
Figure 2-96 • ACM Read Waveform
D1
A1
t
SUEACM
t
HEACM
t
SUDACM
t
HDACM
t
SUAACM
t
HAACM
A0
D0
ACMCLK
ACMWEN
ACMWDATA
ACMADDRESS
A0
A1
RD0
RD1
t
MPWCLKACM
t
CLKQACM
ACMCLK
ACMADDRESS
ACMRDATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com