Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS600 Datasheet(PDF) 143 Page - Microsemi Corporation

Part # AFS600
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS600 Datasheet(HTML) 143 Page - Microsemi Corporation

Back Button AFS600 Datasheet HTML 139Page - Microsemi Corporation AFS600 Datasheet HTML 140Page - Microsemi Corporation AFS600 Datasheet HTML 141Page - Microsemi Corporation AFS600 Datasheet HTML 142Page - Microsemi Corporation AFS600 Datasheet HTML 143Page - Microsemi Corporation AFS600 Datasheet HTML 144Page - Microsemi Corporation AFS600 Datasheet HTML 145Page - Microsemi Corporation AFS600 Datasheet HTML 146Page - Microsemi Corporation AFS600 Datasheet HTML 147Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 334 page
background image
Fusion Family of Mixed Signal FPGAs
R e visio n 2
2 - 127
Similarly,
Min. Output Voltage = (Max. Negative input offset) + (Input Voltage x Max. Negative Channel Gain)
= (–88 mV) + (5 V x 0.96) = 4.712 V
Calculating Accuracy for a Calibrated Analog Channel
Formula
For a given prescaler range, EQ 31 gives the output voltage.
Output Voltage = Channel Error in V + Input Voltage
EQ 31
where
Channel Error in V = Total Channel Error in LSBs x Equivalent voltage per LSB
Example
Input Voltage = 5 V
Chosen Prescaler range = 8 V range
Refer to Table 2-52 on page 2-125.
Max. Output Voltage = Max. Positive Channel Error in V + Input Voltage
Max. Positive Channel Error in V = (6 LSB) × (8 mV per LSB in 10-bit mode) = 48 mV
Max. Output Voltage = 48 mV + 5 V = 5.048 V
Similarly,
Min. Output Voltage = Max. Negative Channel Error in V + Input Voltage = (–48 mV) + 5 V = 4.952 V
Calculating LSBs from a Given Error Budget
Formula
For a given prescaler range,
LSB count = ± (Input Voltage × Required % error) / (Equivalent voltage per LSB)
Example
Input Voltage = 3.3 V
Required error margin= 1%
Refer to Table 2-52 on page 2-125.
Equivalent voltage per LSB = 16 mV for a 16V prescaler, with ADC in 10-bit mode
LSB Count = ± (5.0 V × 1%) / (0.016)
LSB Count = ± 3.125
Equivalent voltage per LSB = 8 mV for an 8 V prescaler, with ADC in 10-bit mode
LSB Count = ± (5.0 V × 1%) / (0.008)
LSB Count = ± 6.25
The 8 V prescaler satisfies the calculated LSB count accuracy requirement (see Table 2-52 on
page 2-125).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com