Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS600 Datasheet(PDF) 139 Page - Microsemi Corporation

Part # AFS600
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS600 Datasheet(HTML) 139 Page - Microsemi Corporation

Back Button AFS600 Datasheet HTML 135Page - Microsemi Corporation AFS600 Datasheet HTML 136Page - Microsemi Corporation AFS600 Datasheet HTML 137Page - Microsemi Corporation AFS600 Datasheet HTML 138Page - Microsemi Corporation AFS600 Datasheet HTML 139Page - Microsemi Corporation AFS600 Datasheet HTML 140Page - Microsemi Corporation AFS600 Datasheet HTML 141Page - Microsemi Corporation AFS600 Datasheet HTML 142Page - Microsemi Corporation AFS600 Datasheet HTML 143Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 334 page
background image
Fusion Family of Mixed Signal FPGAs
R e visio n 2
2 - 123
Dynamic Performance
SNR
Signal-to-Noise Ratio
8-bit mode
48.0
49.5
dB
10-bit mode
58.0
60.0
dB
12-bit mode
62.9
64.5
dB
SINAD
Signal-to-Noise Distortion
8-bit mode
47.6
49.5
dB
10-bit mode
57.4
59.8
dB
12-bit mode
62.0
64.2
dB
THD
Total Harmonic
Distortion
8-bit mode
–74.4
–63.0
dBc
10-bit mode
–78.3
–63.0
dBc
12-bit mode
–77.9
–64.4
dBc
ENOB
Effective Number of Bits
8-bit mode
7.6
7.9
bits
10-bit mode
9.5
9.6
bits
12-bit mode
10.0
10.4
bits
Conversion Rate
Conversion Time
8-bit mode
1.7
µs
10-bit mode
1.8
µs
12-bit mode
2
µs
Sample Rate
8-bit mode
600
Ksps
10-bit mode
550
Ksps
12-bit mode
500
Ksps
Table 2-50 • ADC Characteristics in Direct Input Mode (continued)
Commercial Temperature Range Conditions, TJ = 85°C (unless noted otherwise),
Typical: VCC33A = 3.3 V, VCC = 1.5 V
Parameter
Description
Condition
Min.
Typ.
Max.
Units
Notes:
1. Accuracy of the external reference is 2.56 V ± 4.6 mV.
2. Data is based on characterization.
3. The sample rate is time-shared among active analog inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com