Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS600 Datasheet(PDF) 136 Page - Microsemi Corporation

Part # AFS600
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS600 Datasheet(HTML) 136 Page - Microsemi Corporation

Back Button AFS600 Datasheet HTML 132Page - Microsemi Corporation AFS600 Datasheet HTML 133Page - Microsemi Corporation AFS600 Datasheet HTML 134Page - Microsemi Corporation AFS600 Datasheet HTML 135Page - Microsemi Corporation AFS600 Datasheet HTML 136Page - Microsemi Corporation AFS600 Datasheet HTML 137Page - Microsemi Corporation AFS600 Datasheet HTML 138Page - Microsemi Corporation AFS600 Datasheet HTML 139Page - Microsemi Corporation AFS600 Datasheet HTML 140Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 334 page
background image
Device Architecture
2- 12 0
R e v isio n 2
Temperature Monitor Using Analog Pad AT
External
Temperature
Monitor
(external diode
2N3904,
TJ = 25°C)4
Resolution
8-bit ADC
4
°C
10-bit ADC
1
°C
12-bit ADC
0.25
°C
Systematic Offset5
AFS090, AFS250, uncalibrated7
5°C
AFS090, AFS250, calibrated7
0°C
AFS600, AFS1500, uncalibrated7
11
°C
AFS600, AFS1500, calibrated7
0°C
Accuracy
±3
±5
°C
External Sensor Source
Current
High level, TMSTBx = 0
10
µA
Low level, TMSTBx = 1
100
µA
Max Capacitance on AT
pad
1.3
nF
Internal
Temperature
Monitor
Resolution
8-bit ADC
4
°C
10-bit ADC
1
°C
12-bit ADC
0.25
°C
Systematic Offset5
AFS090, AFS250, uncalibrated7
5°C
AFS090, AFS250, calibrated7
0
AFS600, AFS1500 uncalibrated7
11
°C
AFS600, AFS1500 calibrated7
0°C
Accuracy
±3
±5
°C
tTMSHI
Strobe High time
10
105
µs
tTMSLO
Strobe Low time
5
µs
tTMSSET
Settling time
5
µs
Table 2-49 • Analog Channel Specifications (continued)
Commercial Temperature Range Conditions, TJ = 85°C (unless noted otherwise),
Typical: VCC33A = 3.3 V, VCC = 1.5 V
Parameter
Description
Condition
Min.
Typ.
Max.
Units
Notes:
1. VRSM is the maximum voltage drop across the current sense resistor.
2. Analog inputs used as digital inputs can tolerate the same voltage limits as the corresponding analog pad. There is no
reliability concern on digital inputs as long as VIND does not exceed these limits.
3. VIND is limited to VCC33A + 0.2 to allow reaching 10 MHz input frequency.
4. An averaging of 1,024 samples (LPF setting in Analog System Builder) is required and the maximum capacitance
allowed across the AT pins is 500 pF.
5. The temperature offset is a fixed positive value.
6. The high current mode has a maximum power limit of 20 mW. Appropriate current limit resistors must be used, based on
voltage on the pad.
7. When using SmartGen Analog System Builder, CalibIP is required to obtain 0 offset. For further details on CalibIP, refer
to the "Temperature, Voltage, and Current Calibration in Fusion FPGAs" chapter of the
Fusion FPGA Fabric User’s
Guide.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com