Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS600 Datasheet(PDF) 137 Page - Microsemi Corporation

Part # AFS600
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS600 Datasheet(HTML) 137 Page - Microsemi Corporation

Back Button AFS600 Datasheet HTML 133Page - Microsemi Corporation AFS600 Datasheet HTML 134Page - Microsemi Corporation AFS600 Datasheet HTML 135Page - Microsemi Corporation AFS600 Datasheet HTML 136Page - Microsemi Corporation AFS600 Datasheet HTML 137Page - Microsemi Corporation AFS600 Datasheet HTML 138Page - Microsemi Corporation AFS600 Datasheet HTML 139Page - Microsemi Corporation AFS600 Datasheet HTML 140Page - Microsemi Corporation AFS600 Datasheet HTML 141Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 334 page
background image
Fusion Family of Mixed Signal FPGAs
R e visio n 2
2 - 121
Digital Input using Analog Pads AV, AC and AT
VIND2,3
Input Voltage
Refer to Table 3-2 on page 3-3
VHYSDIN
Hysteresis
0.3
V
VIHDIN
Input High
1.2
V
VILDIN
Input Low
0.9
V
VMPWDIN
Minimum Pulse With
50
ns
FDIN
Maximum Frequency
10
MHz
ISTBDIN
Input Leakage Current
2
µA
IDYNDIN
Dynamic Current
20
µA
tINDIN
Input Delay
10
ns
Gate Driver Output Using Analog Pad AG
VG
Voltage Range
Refer to Table 3-2 on page 3-3
IG
Output Current Drive
High Current Mode6 at 1.0 V
±20
mA
Low Current Mode: ±1 µA
0.8
1.0
1.3
µA
Low Current Mode: ±3 µA
2.0
2.7
3.3
µA
Low Current Mode: ± 10 µA
7.4
9.0
11.5
µA
Low Current Mode: ± 30 µA
21.0
27.0
32.0
µA
IOFFG
Maximum Off Current
100
nA
FG
Maximum switching rate High Current Mode6 at 1.0 V, 1
k
Ω resistive load
1.3
MHz
Low Current Mode:
±1 µA, 3 M
Ω resistive load
3KHz
Low Current Mode:
±3 µA, 1 M
Ω resistive load
7KHz
Low Current Mode:
±10 µA, 300 k
Ω resistive load
25
KHz
Low Current Mode:
±30 µA, 105 k
Ω resistive load
78
KHz
Table 2-49 • Analog Channel Specifications (continued)
Commercial Temperature Range Conditions, TJ = 85°C (unless noted otherwise),
Typical: VCC33A = 3.3 V, VCC = 1.5 V
Parameter
Description
Condition
Min.
Typ.
Max.
Units
Notes:
1. VRSM is the maximum voltage drop across the current sense resistor.
2. Analog inputs used as digital inputs can tolerate the same voltage limits as the corresponding analog pad. There is no
reliability concern on digital inputs as long as VIND does not exceed these limits.
3. VIND is limited to VCC33A + 0.2 to allow reaching 10 MHz input frequency.
4. An averaging of 1,024 samples (LPF setting in Analog System Builder) is required and the maximum capacitance
allowed across the AT pins is 500 pF.
5. The temperature offset is a fixed positive value.
6. The high current mode has a maximum power limit of 20 mW. Appropriate current limit resistors must be used, based on
voltage on the pad.
7. When using SmartGen Analog System Builder, CalibIP is required to obtain 0 offset. For further details on CalibIP, refer
to the "Temperature, Voltage, and Current Calibration in Fusion FPGAs" chapter of the
Fusion FPGA Fabric User’s
Guide.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com