Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS600 Datasheet(PDF) 141 Page - Microsemi Corporation

Part # AFS600
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS600 Datasheet(HTML) 141 Page - Microsemi Corporation

Back Button AFS600 Datasheet HTML 137Page - Microsemi Corporation AFS600 Datasheet HTML 138Page - Microsemi Corporation AFS600 Datasheet HTML 139Page - Microsemi Corporation AFS600 Datasheet HTML 140Page - Microsemi Corporation AFS600 Datasheet HTML 141Page - Microsemi Corporation AFS600 Datasheet HTML 142Page - Microsemi Corporation AFS600 Datasheet HTML 143Page - Microsemi Corporation AFS600 Datasheet HTML 144Page - Microsemi Corporation AFS600 Datasheet HTML 145Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 334 page
background image
Fusion Family of Mixed Signal FPGAs
R e visio n 2
2 - 125
Table 2-52 • Calibrated Analog Channel Accuracy 1,2,3
Worst-Case Industrial Conditions, TJ = 85°C
Condition
Total Channel Error (LSB)
Analog
Pad
Prescaler Range (V)
Input Voltage4 (V)
Negative Max.
Median
Positive Max.
Positive Range
ADC in 10-Bit Mode
AV, AC
16
0.300 to 12.0
–6
1
6
8
0.250 to 8.00
–6
0
6
4
0.200 to 4.00
–7
–1
7
2
0.150 to 2.00
–7
0
7
1
0.050 to 1.00
–6
–1
6
AT
16
0.300 to 16.0
–5
0
5
4
0.100 to 4.00
–7
–1
7
Negative Range
ADC in 10-Bit Mode
AV, AC
16
–0.400 to –10.5
–7
1
9
8
–0.350 to –8.00
–7
–1
7
4
–0.300 to –4.00
–7
–2
9
2
–0.250 to –2.00
–7
–2
7
1
–0.050 to –1.00
–16
–1
20
Notes:
1. Channel Accuracy includes prescaler and ADC accuracies. For 12-bit mode, multiply the LSB count by 4. For 8-bit
mode, divide the LSB count by 4. Overall accuracy remains the same.
2. Requires enabling Analog Calibration using SmartGen Analog System Builder. For further details, refer to the
"Temperature, Voltage, and Current Calibration in Fusion FPGAs" chapter of the
Fusion FPGA Fabric User’s Guide.
3. Calibrated with two-point calibration methodology, using 20% and 80% full-scale points.
4. The lower limit of the input voltage is determined by the prescaler input offset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com