Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS600 Datasheet(PDF) 149 Page - Microsemi Corporation

Part # AFS600
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS600 Datasheet(HTML) 149 Page - Microsemi Corporation

Back Button AFS600 Datasheet HTML 145Page - Microsemi Corporation AFS600 Datasheet HTML 146Page - Microsemi Corporation AFS600 Datasheet HTML 147Page - Microsemi Corporation AFS600 Datasheet HTML 148Page - Microsemi Corporation AFS600 Datasheet HTML 149Page - Microsemi Corporation AFS600 Datasheet HTML 150Page - Microsemi Corporation AFS600 Datasheet HTML 151Page - Microsemi Corporation AFS600 Datasheet HTML 152Page - Microsemi Corporation AFS600 Datasheet HTML 153Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 334 page
background image
Fusion Family of Mixed Signal FPGAs
R e visio n 2
2 - 133
Table 2-61 details the settings available to either power down or enable the prescaler associated with the
analog inputs AV, AC, and AT.
Table 2-62 details the settings available to enable the Current Monitor Block associated with the AC pin.
Table 2-63 details the settings available to configure the drive strength of the gate drive when not in high-
drive mode.
Table 2-64 details the settings available to set the polarity of the gate driver (either p-channel- or
n-channel-type devices).
Table 2-65 details the settings available to turn on the Gate Driver and set whether high-drive mode is on
or off.
Table 2-66 details the settings available to turn on and off the chip internal temperature monitor.
Note: For the internal temperature monitor to function, Bit 0 of Byte 2 for all 10 Quads must be set.
Table 2-61 • Prescaler Op Amp Power-Down Truth Table—AV (x = 0), AC (x = 1), and AT (x = 3)
Control Lines Bx[7]
Prescaler Op Amp
0
Power-down
1
Operational
Table 2-62 • Current Monitor Input Switch Control Truth Table—AV (x = 0)
Control Lines B0[4]
Current Monitor Input Switch
0
Off
1
On
Table 2-63 • Low-Drive Gate Driver Current Truth Table (AG)
Control Lines B2[3]
Control Lines B2[2]
Current (µA)
0
0
1
0
1
3
1
0
10
1
1
30
Table 2-64 • Gate Driver Polarity Truth Table (AG)
Control Lines B2[6]
Gate Driver Polarity
0
Positive
1
Negative
Table 2-65 • Gate Driver Control Truth Table (AG)
Control Lines B2[7]
GDON
Gate Driver
0
0
Off
0
1
Low drive on
1
0
Off
1
1
High drive on
Table 2-66 • Internal Temperature Monitor Control Truth Table
Control Lines B2[0]
PDTMB
Chip Internal Temperature Monitor
00
Off
11
On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com