Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VG95351 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # VG95351
Description  VG95351 and VG96934 Qualified Connectors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

VG95351 Datasheet(HTML) 1 Page - Glenair, Inc.

  VG95351 Datasheet HTML 1Page - Glenair, Inc. VG95351 Datasheet HTML 2Page - Glenair, Inc. VG95351 Datasheet HTML 3Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© 2008 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
26
E-Mail: sales@glenair.com
VG95351 and VG96934 Qualified Connectors
VG95351 and VG96934 Qualified Products
About The VG Specifications
The German Federal Office of Defense Technology
and Procurement (BWB) establishes procurement
standards for defense items not covered by commercial
specifications. VG standards are established by the
Deutsches Institut für Normung (DIN). These standards
are widely used in European and North American defense
programs. Like their U.S. military specification counterparts,
these VG specs require rigorous qualification testing in
order to guarantee performance and interchangeability.
VG 95351 SEVEN PoLE CoNNECtoRS AND ACCESSoRIES
VG PARt
NUMBER
GLENAIR PARt
NUMBER
CoNFIGURAtIoN
DESCRIPtIoN
PAGE
VG95351A7
CB07A1L0
Cable Plug
For use with heatshrink boot
Page 27
VG95351B7
CB07B1L0
A
C
D
E
F
G
B
Flange Mount Receptacle for
panel mounting
Page 27
Panel cutout page 13
VG95351C7
CB07C1L0
Jam Nut Receptacle for rear
panel mounting
Page 27
Panel cutout page 13
VG95351D7
CB07D1L0
In-Line Receptacle for free-
hanging cables
Page 28
VG95351E7
CB07Q1L0
Thread-In Panel Mount
Receptacle with PG9 thread
Page 28
Panel cutout page 13
VG95351Z1
CBGK-B
Elastomeric Gasket for use with
Style B flange mount receptacle Page 28
VG95351Z2
CBoR-B
O-Ring
for use with Style B flange
mount connector
Page 28
Which VG Spec is Preferred?
VG96934 covers the ten pin connector and is
the preferred version for new applications. Choose
the 10 pin connector per VG96934 if shielding is a
requirement, or printed circuit tail contacts are required,
or if the connector should be furnished with a backshell.
These options are not available on the 7 pin connector
covered by
VG95351. Both the seven pin and the ten pin
connector share identical external dimensions. VG95351
does not have provisions for alternate key positions. If
keyed connectors are necessary, then use VG96934 ten
pin connectors, or instead specify the appropriate Glenair
CB Series connector.


Similar Part No. - VG95351

ManufacturerPart #DatasheetDescription
logo
ITT Industries
VG95319 ITT-VG95319 Datasheet
38Kb / 2P
Circular
logo
SOURIAU-SUNBANK Connect...
VG95328F0832PN SOURIAU-VG95328F0832PN Datasheet
624Kb / 7P
Hermetic and Small Bayonet Connectors Per MIL-DTL-26482 Series I
VG95328F0832PW SOURIAU-VG95328F0832PW Datasheet
624Kb / 7P
Hermetic and Small Bayonet Connectors Per MIL-DTL-26482 Series I
VG95328F0832PX SOURIAU-VG95328F0832PX Datasheet
624Kb / 7P
Hermetic and Small Bayonet Connectors Per MIL-DTL-26482 Series I
VG95328F0832PY SOURIAU-VG95328F0832PY Datasheet
624Kb / 7P
Hermetic and Small Bayonet Connectors Per MIL-DTL-26482 Series I
More results

Similar Description - VG95351

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
VG96934 GLENAIR-VG96934 Datasheet
818Kb / 10P
VG95351 and VG96934 Qualifi ed Connectors
logo
Vishay Siliconix
VS-95SQ015TR VISHAY-VS-95SQ015TR Datasheet
140Kb / 7P
Designed and qualified for commercial level
09-Sep-11
logo
Nell Semiconductor Co.,...
NKFD200 NELLSEMI-NKFD200 Datasheet
425Kb / 7P
Designed and qualified for industrial level
logo
Micropac Industries
62035 MICROPAC-62035 Datasheet
54Kb / 2P
JAN AND JANTX QUALIFIED
62041 MICROPAC-62041 Datasheet
54Kb / 2P
JAN AND JANTX QUALIFIED
logo
Vishay Siliconix
VS-VSUD360CW40 VISHAY-VS-VSUD360CW40 Datasheet
154Kb / 6P
Designed and qualified for industrial level
03-Nov-16
VS-HFA180NH40PBF VISHAY-VS-HFA180NH40PBF Datasheet
151Kb / 7P
Designed and qualified for industrial level
19-Mar-15
12TQ VISHAY-12TQ Datasheet
101Kb / 6P
Designed and qualified for industrial level
25-Jun-08
logo
TT Electronics.
4700 TTELEC-4700_17 Datasheet
515Kb / 4P
Commercial and MIL Qualified
logo
Vishay Siliconix
MM22 VISHAY-MM22_V01 Datasheet
174Kb / 7P
Rack and Panel Connectors Military, MIL-C-28748/7/8 Qualified and Commercial Microminiature Rectangular
24-Feb-14
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com