Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VG95351 Datasheet(PDF) 3 Page - Glenair, Inc.

Part # VG95351
Description  VG95351 and VG96934 Qualified Connectors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

VG95351 Datasheet(HTML) 3 Page - Glenair, Inc.

  VG95351 Datasheet HTML 1Page - Glenair, Inc. VG95351 Datasheet HTML 2Page - Glenair, Inc. VG95351 Datasheet HTML 3Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© 2008 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
28
E-Mail: sales@glenair.com
VG95351 and VG96934 Qualified Connectors
Shown with heatshrink boot purchased separately.
.
24.2 MAX
15.5 MAX
18.0 MAX
DETAIL
A
14.2 MAX
A
B
C
D
E
F
G
KNURL
VG95351 D7
7 pin in-line receptacle with solder cup contacts.
Maximum weight 16 grams.
VG Part Number
Glenair Part no.
VG95351D7
CB07D1L0
.
A
C
D
E
F
G
B
14.2 MAX.
21.9 MAX.
17.0
Ø 18.0
MAX.
Ø 13.5 MAX.
4.0
2.0
PG 9 THREAD
I.A.W. DIN 40430
LOCATION OF
POLARIZING CODE
VG95351 E7
7 pin panel mount receptacle with PG9 thread and
solder cup pins. Maximum weight 16 grams.
VG Part Number
Glenair Part no.
VG95351E7
CB07Q1L0
Ø 3.1
32.0 MAX.
Ø 18.0
MAX.
.
VG95351 Z1
Gasket for use with VG95351 Style B connector. Nitrile rubber.
Maximum weight 3 grams.
VG Part Number
Glenair Part no.
VG95351Z1
CBGK-B
10.7 I.D. x 1.8
.
VG95351 Z2
O-ring for use with VG95351 Style B connector. Nitrile rubber.
Maximum weight 2 grams.
VG Part Number
Glenair Part no.
VG95351Z2
CBOR-B
VG95351 StYLE D: IN-LINE RECEPtACLE
VG95351 StYLE E: thREADED-IN PANEL MOuNt RECEPtACLE
VG95351 StYLE Z1: GASKEt
VG95351 StYLE Z2: O-RING



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com