Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3003 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # AN3003
Description  Integrating SMT Synthesizer Solutions into Wireless Designs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AN3003 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  AN3003 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AN3003 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AN3003 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Integrating SMT Synthesizer Solutions into Wireless Designs
Rev. V2
Application Note
AN3003
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
3
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
Clock, Data and Load Enable Inputs
The Clock, Data and Load Enable Inputs are all high
impedance CMOS and should be fed with square
waves with level of VHIGH ³ 0.8 Vcc and VLOW £
0.2 Vcc. An external termination resistor can be
added externally if desired.
Refer to the specific
device datasheet for the proper programming infor-
mation.
Consideration needs to be taken when
choosing the command word for programming the
dividers. While the PLL will allow for a variety of
steps to be programmed, the step size specific to
the synthesizer design should be used. The internal
loop filter is optimized for a given step size and the
use of another could result in greater than specified
phase noise or spurious outputs.
Noise Contributors
Understanding the key contributors to single side-
band phase noise is paramount to achieving opti-
mum performance. Often, the noise profile can be
adjusted to obtain dynamic properties of the synthe-
sizer. Careful consideration of the noise profile re-
quired at spot frequencies, integrated or both will
lead to a superior system design. Phase noise is
measured in units of dBc/Hz at a given offset from
the carrier. It is the difference between the level of
the carrier and the noise level at a given offset nor-
malized to a 1Hz bandwidth.
Assuming power supply contribution is negligible,
the three key contributors are:
• Phase Comparator Noise
• Reference Noise
• VCO Noise
The phase comparator noise affects the noise floor
within the loop. The phase noise is multiplied up to
the VCO output frequency by 20log (Fout/Fstep). An-
other effect that is often ignored is that the noise
floor is related to the step size by approximately
10dB/decade. This is particularly important as the
step size is increased because the noise floor de-
grades by 10log (Fstep/Fstep(comp)). Fstep(comp) is the
frequency at which the noise floor is measured.
For example consider a PLL IC which has a noise floor
of approximately –165 dBc/Hz at a phase comparison
frequency of 30 kHz. If the frequency output of the
synthesizer is 1 GHz with a step size of 200 kHz the
noise floor within the loop is:
= -165 + 10 log (200 kHz/30 kHz)
+ 20 log (1 GHz/200 kHz) = -82.78 dBc/Hz
With respect to the effect of the reference noise, the
reference frequency is multiplied up to the VCO output
frequency within the PLL IC. The noise side bands of
the reference oscillator are increased by the ratio given
by 20log(FVCO/Fref).
For example, a synthesizer with a 15 MHz reference is
divided down to 30 kHz has an output frequency of
1GHz. If the 15 MHz reference noise is –115 dBc/Hz at
100 Hz offset, then the reference noise at the output
frequency would be:
-115 +20 log (1 GHz / 15 MHz) = -78.5 dBc/Hz
Finally the effect of the VCO noise should be consid-
ered. Within the loop bandwidth, the VCO noise is
suppressed at a rate of –40 dB/decade. Near the loop
bandwidth, the suppression is not so great and some of
the VCO noise will add to the loop noise floor. Spurious
signals that are at or within the loop bandwidth will
undergo similar suppression characteristics to phase
noise. Figure 4 gives a good representation of this
effect when trying to assess design risks.
Ultimately the VCO design is part of the integrated
package so outside the scope of changes to the
synthesizer interfaces but as noise that appears on the
power supplies modulates the VCO this will directly
effect the performance of the synthesizer. The same
principles as described earlier should be applied to
reduce power supply noise.
Loop
VCO (suppressed)
Reference
VCO
Loop (suppressed)
Reference (suppresed)
F/2
F
2F
Sideband Frequency
Figure 4



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com