Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3003 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # AN3003
Description  Integrating SMT Synthesizer Solutions into Wireless Designs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AN3003 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  AN3003 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AN3003 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AN3003 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Integrating SMT Synthesizer Solutions into Wireless Designs
Rev. V2
Application Note
AN3003
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
1
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
Introduction
Today’s high performance, low-cost, SMT solutions
for
frequency
generation
greatly
simplify
the
designer’s task in developing wireless products.
Properly interfacing these devices into the circuit is
however
essential
to
achieving
maximum
performance. This application note highlights some
primary
areas
of
concern,
some
analysis
methodologies and suggests possible solutions.
Power Supplies
Clean sources of regulated DC power are essential
in minimizing spurious signals from synthesizers.
You
can
calculate
the
quality
of
the
supply
necessary by the following formula:
Where:
Fs = Spur Frequency
dBc = Desired Spur specification in dBc
Pushing Figure = Pushing Figure in Hz/Volt
For example, with a spur frequency of 1 kHz, a spur
specification of –80 dBc and a pushing figure of
3MHz/volt, the ripple voltage on the supply must be
no greater than 47nV rms. It is good design practice
to allow for a margin in the spur specification. For
this example, we use –70dBc plus a 10 dB margin
for -80 dBc.
Utilizing low-noise regulator designs is critical in
achieving the phase noise specifications of these
devices.
Many DC regulators have their noise
output specified in a bandwidth. For example, the
LT1761 is specified as 20
V rms typical in 10Hz to
100kHz. Using the previous formula, the maximum
allowable noise voltage density at a given offset can
be estimated.
Relating
the
noise
density
to
a
regulator
manufacturer’s specification is difficult unless the
amplitude/frequency distribution is known. A first
order assessment can be made, however if the
distribution is assumed flat.
To prevent noise from the digital circuitry in the
synthesizer from adversely affecting the VCO, the
PLL and VCO supply rails must be adequately de-
coupled and filtered from each other. In order to fa-
cilitate this, M/A-COM synthesizers typically utilize
separate VCO and PLL supply pins on the package.
A suitable circuit is shown in Figure 1. Component
values should be selected that will optimize attenua-
tion of the PLL operating frequency. (step size).
Figure 1
Note:
Some
synthesizers,
such
as
the
MASYVS0060-XXXX series, have a single supply
pin, and incorporate an on-board regulator and de-
coupling between the VCO and PLL. This greatly
reduces their sensitivity to power supply noise and
ripple.
Synthesizers must be mounted directly on a ground
plane and all DC ground returns should be brought
to it.
Output Load
It is imperative that the designer understands the
load that will be presented to the device. M/A-COM
synthesizers are designed for 50 ohm nominal out-
put impedance. Severe mismatches can increase
the VCO’s phase noise or pull a VCO to the point
where it will not oscillate into that load. When it is
known that the VSWR of the load will be poor i.e.
>2.0:1 any phase angle, a buffered output synthe-
sizer should be specified. Alternatively, the designer
can provide the buffer. The best form of load con-
sists of a resistive pad followed by an amplification
stage to restore the output power. A representative
circuit is shown in Figure 2.
(Hz)
Volts
Figure
Pushing
(10)
)
(F
2
Density
Voltage
Noise
0
(dBc/Hz)/2
s
≤
Figure
Pushing
(10)
)
(F
2
(rms)
Volts
dBc/20
s
≤
+Vcc
PLL
VCO


Similar Part No. - AN3003

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
AN300 EXTECH-AN300 Datasheet
398Kb / 1P
AN300 Series Large Vane CFM/ CMM Thermo-Anemometers
AN300-C EXTECH-AN300-C Datasheet
194Kb / 2P
Model AN300-C Air Flow Adaptor Kit
logo
List of Unclassifed Man...
AN3000-521P ETC1-AN3000-521P Datasheet
39Kb / 1P
AN0625-521P
logo
M/A-COM Technology Solu...
AN3001 MA-COM-AN3001 Datasheet
161Kb / 7P
PIN diode Vector Modulators - Fundamentals and Drive Requirements
logo
STMicroelectronics
AN3001 STMICROELECTRONICS-AN3001 Datasheet
476Kb / 12P
TS4657 single supply stereo digital audio line driver
03-Jul-2009
More results

Similar Description - AN3003

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN236 SILABS-AN236 Datasheet
432Kb / 8P
INTEGRATING IAR 8051 TOOLS INTO THE SILICON LABORATORIES IDE
AN669 SILABS-AN669 Datasheet
521Kb / 14P
INTEGRATING SILICON LABS SiM3XXXX DEVICES INTO THE KEIL 關VISION짰 IDE
logo
List of Unclassifed Man...
SIM5212 ETC1-SIM5212 Datasheet
2Mb / 12P
Wireless Module Solutions
logo
Micross Components
HMC135 MICROSS-HMC135 Datasheet
1Mb / 9P
Chip Integrates Directly into MIC Designs
logo
CUI INC
SJ2-35326D-SMT-TR CUI-SJ2-35326D-SMT-TR Datasheet
425Kb / 4P
mid mount SMT for low profile designs
SJ2-35564A-SMT-TR CUI-SJ2-35564A-SMT-TR Datasheet
421Kb / 4P
mid mount SMT for low profile designs
SJ2-35654A-SMT-TR CUI-SJ2-35654A-SMT-TR Datasheet
461Kb / 4P
mid mount SMT for low profile designs
SJ2-2577X-SMT CUI-SJ2-2577X-SMT Datasheet
613Kb / 4P
mid mount SMT for low profile designs
logo
Lumileds Lighting Compa...
PB12 LUMILEDS-PB12 Datasheet
1Mb / 2P
Functional solutions for robust rear combination lamp designs
logo
STMicroelectronics
P-NUCLEO-WB55 STMICROELECTRONICS-P-NUCLEO-WB55 Datasheet
370Kb / 5P
STM32WB Nucleo-68 pack for wireless solutions
27-Jun-2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com