Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAM12031 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM12031
Description  GaAs MMIC Low Noise Amplifier SOIC-8 Platform
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM12031 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAAM12031 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAM12031 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAM12031 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAM12031 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAM12031 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAM12031 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAM12031 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
GaAs MMIC Low Noise Amplifier SOIC-8 Platform
Rev. V3
Application Note
M540
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
2
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
The present MMIC LNA product family consists of the
following products:
Part #
Intended
Features
Market
AM50-0002
GPS, PDC
Frequency:
1.575 GHz
Gain:
27 dB
Noise Figure:
1.15 dB
Bias: 3-5V @ 20 mA
MAAM12021
GPS, PDC
Frequency:
1.5-1.6 GHz
Gain:
21 dB
Noise Figure:
1.55 dB
Bias: 3-5V @ 8 mA
MAAM12022
GPS, PDC
Frequency:
1.5-1.6 GHz
Gain:
14 dB
Noise Figure:
1.85 dB
Bias: 3-5 V @ 5 mA
MAAM12031
PCN, PCS,
Frequency:
1.7-2.0 GHz
PHS, DECT
Gain:
20 dB
DCS-1800 Noise Figure:
1.65 dB
Bias: 3-5 V @ 8 mA
MAAM12032
PCN, PCS
Frequency:
1.7-2.0 GHz
PHS, DECT
Gain:
13 dB
DCS-1800 Noise Figure:
1.8 dB
Bias: 3-5 V @ 5 mA
MAAM22010
ISM, WLAN
Frequency:
2.4-2.5 GHz
Gain:
14 dB
Noise Figure:
1.9 dB
Bias: 3-5 V @ 5 mA
AM50-0001
GSM,
Frequency:
0.8-1.0 GHz
AMPS,
Gain:
14 dB
TACS
Noise Figure:
1.5 dB
Output IP3:
+30 dBm
Bias: 5 V @ 50 mA
All these products are offered in industry standard
(JEDEC) SOIC-8 narrow body plastic packages.
MMIC Electrical Design Considerations
The key to any IC design is a well modeled stable
process to predict circuit performance. The MMIC LNAs
are based on M/A-COM’s mature 0.5-micron (μm) low
noise GaAs MESFET process. The active layer of the
GaAs substrate is formed using ion-implantation for high
throughput and low cost.
A “buried-p” doping layer
combined
with
0.5-μm
T-gates
results
in
high
performance MESFET’s; the fT of the process is 30 GHz
and the Fmin and Gmax at 12 GHz are 1.3 and 13 dB,
respectively. Every wafer is characterized for DC and
RF performance. Process control parameters, as well as
MIM capacitance, thin film resistance, and FET RF
equivalent circuit, are stored in a database. From this
database, a statistical circuit model is derived for
designers to use in optimizing their design for maximum
yield.
Another critical aspect in the success of this MMIC LNA
product family is the ability to model all aspects of the
product
performance
in
the
plastic
packaging
environment.
Quantifying the impact of the plastic
encapsulant on the electrical performance of the die for
both the FETs and spiral inductors was a significant
challenge. No less a challenge was the electrical circuit
modeling of the SOIC-8 package itself in terms of the self
and mutual inductances of the leads, bond wires, and
split paddle lead frame.
This extensive modeling of the MMIC elements (FETs,
MIM capacitors, thin film resistors, and spiral inductors),
bond wires, and plastic package effects has allowed M/
A-COM to predict with high confidence the performance
of these and other designs. Utilizing these models with
our statistical design methodology has allowed us to
achieve high performance, unconditionally stable LNAs
with high yield and, therefore, low cost. Figures 1 and 2
show the statistical distribution of the gain and noise
figure, respectively, for the MAAM12021.
In this product platform there are essentially two circuit
design types, a low gain (LG) and a high gain (HG). The
LG design (MAAM12022, MAAM12032, MAAM22010,
and AM50-0001), shown in Figure 3, employs a single
stage cascade configuration with series feedback to
simultaneously achieve impedance match and minimum
noise figure.
The HG design (MAAM12021 and
MAAM12031), shown in Figure 4, uses two cascaded
common source stages biased in series to achieve the
high gain at low current consumption, and also employs
series feedback to simultaneously achieve impedance
match and minimum noise figure.
MMIC LNA Product Design and
Performance Features
The GaAs MMIC LNAs discussed in this application note
were carefully designed, considering not only the electri-
cal specifications but also ease and cost of manufactur-
ing as well as quality and reliability. The following three
subsections discuss in detail the inner workings of these
MMIC LNAs in terms of circuit design, manufacturing,
and quality.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com