Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAM12031 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM12031
Description  GaAs MMIC Low Noise Amplifier SOIC-8 Platform
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM12031 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MAAM12031 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAM12031 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAM12031 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAM12031 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAM12031 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAM12031 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAM12031 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
GaAs MMIC Low Noise Amplifier SOIC-8 Platform
Rev. V3
Application Note
M540
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
4
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
MMIC LNA Product Customer Use
Considerations
The SOIC-8 MMIC LNAs are fairly straightforward to use.
By following some basic design considerations, the
performance in the data sheet is easily achieved. The
following sections discuss the electrical (DC and RF),
manufacturing,
and
reliability
considerations
the
customer must keep in mind for proper use of these
MMIC LNAs.
Customer Electrical Considerations
These MMIC LNAs were designed to be used on low cost
FR4 printed circuit boards. Before discussing the proper
board layout, an understanding of each of the pins of the
LNA family is necessary. All the products of the MMIC
LNA family have the same pin assignments, shown
previously in Figure 7, except for the AM50-0002, which
will be discussed separately below. Pins 1, 4, 5, an 8 are
DC and RF ground. Pins 3 and 6 are RFIN and RFOUT,
respectively. Pin 7 is VDD, a positive voltage, and pin 2 is
an optional bias control pin.
For nominal current
operation, no external connection is made to pin 2.
An important consideration is the off-chip components
used for DC biasing, Pin 7, the VDD pin, must be by-
passed with a 500-pF surface mount MLC capacitor
mounted as close as possible to the pin. RF decoupling
of the power supply with a chip inductor of at least 15 nH
is recommended. Pin 2 is a parallel connection to the first
stage FET source resistor and is normally left open.
Connecting a chip resistor from pin 2 to ground will
increase the current draw and extend the dynamic range
of the LNAs as shown on the data sheets and discussed
below in the product applications section. For the low
gain MAAM12022, MAAM12032, and MAAM22010,
connecting a 30-35 ohm resistor from pin 2 to ground will
increase the current 20 mA from nominal 5 mA. For the
high gain MAAM12021 and MAAM12031, connecting a
35-40 ohm resistor from pin 2 to ground will increase the
current to 20 mA from the nominal 8 mA. For the higher
current AM50-0001, a resistor ranging from 10-40 ohms
can be used. For each of these six LNAs, care must be
taken so the maximum current rating on the data sheet is
not exceeded.
The AM50-0002 has DC and RF ground pins everywhere
except for pin 2, RFIN, and pin 6, which is both the RFOUT
and VDD. To realize minimum noise performance, the
AM50-0002 requires a simple low loss external input
matching network. Figure 8 shows the functional diagram
of the AM50-0002 and details the requirements of the
matching network at 1.575 GHz.
If the system does not provide the bias (VDD) on the RF
output line, the bias can be coupled to the RF output line
using a simple bias tee network. Please note that the
AM50-0002 has no optional bias pin.
Sub
Lot
Operation
Condition
Qty.
Visual Inspection
General
500
Electrical Test
ATP at +25°C
500
Sub Lot Split
A
Electrical Test
ATP at -40,25,80°C
40
A
Infrared Reflow
Simulation
35 seconds above
235°C max 245°C
total of 180 seconds
392
A
Electrical Test
ATP at +25°C
392
Sub Lot Split
B
High Temperature
Operation Bias
150°C for 600 hrs
300
B
Electrical Test
ATP at 25°C
-40,25,80°C
280
20
C
Autoclave
96 hrs 100% RH 15
psi
76
C
Electrical Test
ATP at +25°C
76
D
Temperature Cycle
200 cycles -55 to
+150°C 30 min dwell
at extremes
96
D
Electrical
ATP at 25°C
-40,25,80°C
76
20
E
ESD Classification
MIL-STD-3015
6
F
DPA
REL-002
4
G
Physical Dimensions
100% of dimensions
coplanarity < 4 mils
22
G
Resistance to
Solvents
MIL-STD-2015
22
Table 1. One-time Product Qualification
Procedure



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com