Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4699 Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # TLE4699
Description  Low Drop Out Linear Voltage Regulator 5 V Fixed Output Voltage
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4699 Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button TLE4699 Datasheet HTML 14Page - Infineon Technologies AG TLE4699 Datasheet HTML 15Page - Infineon Technologies AG TLE4699 Datasheet HTML 16Page - Infineon Technologies AG TLE4699 Datasheet HTML 17Page - Infineon Technologies AG TLE4699 Datasheet HTML 18Page - Infineon Technologies AG TLE4699 Datasheet HTML 19Page - Infineon Technologies AG TLE4699 Datasheet HTML 20Page - Infineon Technologies AG TLE4699 Datasheet HTML 21Page - Infineon Technologies AG TLE4699 Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
Data Sheet
18
Rev. 1.0, 2010-11-30
TLE4699
Enable Function
7
Enable Function
7.1
Description Enable Function
The TLE4699 can be turned on or turned off via the EN Input. With voltage levels higher than
V
EN,high applied to
the EN Input the device will be completely turned on. A voltage level lower than
V
EN,low sets the device to low
quiescent current mode. In this condition the device is turned off and is not functional. The Enable Input has an
build in hysteresis to avoid toggling between ON/OFF state, if signals with slow slope are applied to the input.
7.2
Electrical Characteristics Enable Function
Figure 6
Parameter Definition
Electrical Characteristics: Enable Function
V
I = 13.5 V, Tj = -40 °C to +150 °C, all voltages with respect to ground, direction of currents as shown in Figure 6
(unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
7.2.1
Enable
Low Signal Valid
V
EN,low
––
0.8
V
–
7.2.2
Enable
High Signal Valid
V
EN,high
2.4
––V
V
Q > VQ.min
7.2.3
Enable
Threshold Hysteresis
V
EN,hyst
50
––mV
–
7.2.4
Enable
Input current
I
EN
–
12µA
V
EN = 5 V
7.2.5
Enable
internal pull-down resistor
R
EN
3.2
4.7
6.2
M
Ω
–
GND
Q
I
CurrentConsumption _ ParameterDefinition .vsd
CQ
LOAD
Supply
CI
Regulated
Output Voltage
IQ
I
I
VQ
+
VI
+
IGND
Voltage Regulator
VEN
+
IEN
EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com