Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4699 Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # TLE4699
Description  Low Drop Out Linear Voltage Regulator 5 V Fixed Output Voltage
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4699 Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button TLE4699 Datasheet HTML 15Page - Infineon Technologies AG TLE4699 Datasheet HTML 16Page - Infineon Technologies AG TLE4699 Datasheet HTML 17Page - Infineon Technologies AG TLE4699 Datasheet HTML 18Page - Infineon Technologies AG TLE4699 Datasheet HTML 19Page - Infineon Technologies AG TLE4699 Datasheet HTML 20Page - Infineon Technologies AG TLE4699 Datasheet HTML 21Page - Infineon Technologies AG TLE4699 Datasheet HTML 22Page - Infineon Technologies AG TLE4699 Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
TLE4699
Enable Function
Data Sheet
19
Rev. 1.0, 2010-11-30
7.3
Typical Performance Characteristics Enable Input
Enable Input Current
I
EN vs.
Enable Input Voltage
V
EN
Enable Input Current vs.
Junction Temperature
T
j
0
VEN [V]
20
30
IEN [µA]
IEN_VEN.v s d
30
20
10
40
10
40
60
TJ = 25 °C
-40
Tj [°C]
40
80
IEN [µA]
IEN _Tj .v s d
1.5
1
0.5
2
0
120
VEN = 5 V
3
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com